Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 43Page - STMicroelectronics TDA7513 Datasheet HTML 44Page - STMicroelectronics TDA7513 Datasheet HTML 45Page - STMicroelectronics TDA7513 Datasheet HTML 46Page - STMicroelectronics TDA7513 Datasheet HTML 47Page - STMicroelectronics TDA7513 Datasheet HTML 48Page - STMicroelectronics TDA7513 Datasheet HTML 49Page - STMicroelectronics TDA7513 Datasheet HTML 50Page - STMicroelectronics TDA7513 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
47/58
TDA7513
SUBADDRESS 30: Adjacent channel mute
SUBADDRESS 31: Adjacent channel and Multipath gain, weak field ISS threshold
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Adjacent channel mute threshold
00
00
0mV
0
0
0
1
28.7mV
--
--
-
1
0
0
0
229.3mV
--
--
-
1
1
1
0
401.3mV
1
1
1
1
430mV
Adjacent channel mute filter configuration
0
AdjChannel Mute HighPass filter 1
1
AdjChannel Mute BandPass filter 1
-
-
0
AdjChannel Mute HighPass filter 2
1
AdjChannel Mute BandPass filter 2
Adjacent channel mute disable @ low FS
0
0
threshold 1V
0
1
threshold 1.33V
1
0
threshold 1.66V
1
1
threshold 2V
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Weak field ISS activation threshold
0
0
0
0
-450mV
0
0
0
1
-385.7mV
--
--
-
01
11
-0mV
10
00
+0mV
1
0
0
1
64.28mV
--
--
-
1
1
1
0
385.7mV
1
1
1
1
450mV
Turner Quality Multipath gain
0
0
0 (OFF) dB
0
1
-4dB
1
0
0dB
1
1
4dB
Turner Quality Adjacent channel gain
0
0
(OFF)
0
1
-4dB
1
0
0dB
1
1
4dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com