Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 9Page - STMicroelectronics TDA7513 Datasheet HTML 10Page - STMicroelectronics TDA7513 Datasheet HTML 11Page - STMicroelectronics TDA7513 Datasheet HTML 12Page - STMicroelectronics TDA7513 Datasheet HTML 13Page - STMicroelectronics TDA7513 Datasheet HTML 14Page - STMicroelectronics TDA7513 Datasheet HTML 15Page - STMicroelectronics TDA7513 Datasheet HTML 16Page - STMicroelectronics TDA7513 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
13/58
TDA7513
1) The SM pin is active low (Mute = 0)
2) See note in Programming Part
3.3 STEREO DECODER (Vcc = 8V; deemphasis time constant = 50µs, VMPX = 305mVrms (75kHz
deviation), fm= 1kHz, Gv = 4dB, Tamb = 27°C; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
d
Distortion (QDin)
VIN = 1VRMS
; all stages 0dB
0.012
0.1
%
VIN = 1VRMS
; Bass & Treble =
12dB
0.05
0.1
%
SC
Channel separation Left/Right
(QDin)
80
dB
ET
Total Tracking Error
AV = 0 to -20dB
-1
0
1
dB
AV = -20 to -60dB
-2
0
2
dB
BUS INPUTS
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA Acknowledge
IO = 1.6mA
0.4
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Rin
Input Resistance
FM
70
100
130
k
AM
1.4
2
2.6
k
GV
Stereo decoder
input gain
min
0.5
dB
2.25
dB
4.0
dB
max
5.75
dB
SVRR
Supply Voltage Ripple Rejection
Vripple = 100mV; f = 1KHz
35
60
dB
a
Max. channel Separation
30
45
dB
THD
Total Harmonic Distortion
0.02
0.3
%
(S
+N)/N
Signal plus Noise to Noise Ratio
A-weighted, S = 2Vrms @
APout
80
91
dB
MONO/STEREO-SWITCH
VPTHST1
Pilot Threshold Voltage
for Stereo, PTH = 1
15
mV
VPTHST0
Pilot Threshold Voltage
for Stereo, PTH = 0
25
mV
VPTHMO1
Pilot Threshold Voltage
for Mono, PTH = 1
12
mV
VPTHMOO
Pilot Threshold Voltage
for Mono, PTH = 0
19
mV
PLL
∆f/f
Lock Range
-6
+6
%
f0
Center
frequency
range
min
VCO Vtuning fixed to
reference voltage
328
kHz
max
619
kHz
step
9.4
kHz
PILmax
Maximum input pilot voltage
@TUNERIN
276
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com