Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 39Page - STMicroelectronics TDA7513 Datasheet HTML 40Page - STMicroelectronics TDA7513 Datasheet HTML 41Page - STMicroelectronics TDA7513 Datasheet HTML 42Page - STMicroelectronics TDA7513 Datasheet HTML 43Page - STMicroelectronics TDA7513 Datasheet HTML 44Page - STMicroelectronics TDA7513 Datasheet HTML 45Page - STMicroelectronics TDA7513 Datasheet HTML 46Page - STMicroelectronics TDA7513 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
43/58
TDA7513
SUBADDRESS 19: 456KHz VCO adjustment (manual mode)
SUBADDRESS 20: FM Stop Station and Soft Mute Threshold
SUBADDRESS 21: Adjacent Channel Mute
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
Enable IFC (I2CBUS) OFF
1
Enable IFC (I2CBUS) ON
0
Enable 456KHz VCO adj procedure (I2CBUS) OFF
1
Enable 456KHz VCO adj procedure (I2CBUS) ON
0000
0
VCO 456KHz frequency adjust (I2CBUS) minfreq
0000
1
----
-
0111
1
1000
0
----
-
1111
0
1111
1
VCO 456KHz frequency adjust (I2CBUS) maxfreq
0
Manual adjustment procedure (I2CBUS)
1
Automatic adjustment procedure (State Machine)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Soft Mute Threshold on Smeter
0000
0mV
0001
100mV
---
-
-
1110
1.4V
1111
1.5V
FM Stop Station Threshold on Smeter
0
0
0
0
400mV
0
0
0
1
800mV
-
---
-
1
1
1
0
3.2V
1
1
1
1
3.6V
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Adj Channel Mute Gain
0
0
0
10.4dB
0
0
1
11.4dB
0
1
0
12.4dB
0
1
1
13.4dB
1
0
0
14.4dB
1
0
1
15.4dB
1
1
0
16.4dB
1
1
1
17.4dB
Adj Channel Mute Clamp
0000
500mV
0001
600mV
--
-
-
-
1000
1.3V
--
-
-
-
1110
1.9V
1111
2V
Adjacent Channel (ISS) test
0
AC test OFF
1
AC test ON (ISS qualitydetector AC input from #ACinL,
ISS AC filter+rect output to Smeter test muxer if input 12 is selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com