Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 4Page - STMicroelectronics TDA7513 Datasheet HTML 5Page - STMicroelectronics TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics TDA7513 Datasheet HTML 10Page - STMicroelectronics TDA7513 Datasheet HTML 11Page - STMicroelectronics TDA7513 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
TDA7513
8/58
AM (VCC = 8V; Tamb =25°C; Vsg = 74dB
µV,emf; fc = 999kHz; 30% modulation; fmod = 400Hz unless oth-
erwise specified).
General (with 20pF/65pF dummy antenna; input levels @ SG,emf; output @ audioprocessor output;
audioprocessor all flat; stereo decoder input gain = 5.75dB)
Mixer1 (Input at AMMIX1IN+, no mod)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
US
Useable sensitivity
SNR = 20dB
26
dB
µV
SNR
Signal to Noise ratio
56
60
dB
MS
Maximum Sensitivity
@
∆Vout = -10dB
20
dB
µV
THD
Total Harmonic Distortion
mod =30%, Vsg = 74dB
µV
0.59
%
mod =80%, Vsg = 74dB
µV
1.48
%
mod =30%, Vsg = 120dB
µV
1.88
%
mod =80%, Vsg = 120dB
µV3
%
THDLF
THD @ low frequency
mod =30%, Vsg = 74dB
µV,
fmod=100Hz
2%
Vout
Audio output level
rms
266
mV
ISN
Interstation noise level
∆Vout @ RF OFF
-35
-31
dB
IFCS
IF Counter sensitivity
8
10
20
dB
µV
Icc
DC current
OSCVcc
5.6
mA
PLLVcc
1.9
mA
DIGVcc
12.1
mA
TUNVcc
68
mA
IF1Vcc
7.8
mA
APVcc
27
mA
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Gv
conversion gain
from AMMIX1IN+to IFT1
secondary loaded with 330
13
dB
IIP3
Input 3rd order intercept point
referred to AMMIX1IN+
130
dB
µV
Rin
input resistance (differential)
AMMIX1IN+ w.r.t. AMMIX1IN-
1.2
k
CIFT1
IFT1
min
Between MIXOUT+ and
MIXOUT-
0pF
adjustment
max
8.25
pF
capacitor
step
0.55
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com