Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 10Page - STMicroelectronics TDA7513 Datasheet HTML 11Page - STMicroelectronics TDA7513 Datasheet HTML 12Page - STMicroelectronics TDA7513 Datasheet HTML 13Page - STMicroelectronics TDA7513 Datasheet HTML 14Page - STMicroelectronics TDA7513 Datasheet HTML 15Page - STMicroelectronics TDA7513 Datasheet HTML 16Page - STMicroelectronics TDA7513 Datasheet HTML 17Page - STMicroelectronics TDA7513 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
TDA7513
14/58
3.4 NOISE BLANKER
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DEEMPHASIS and HIGHCUT
τHC50
Deemphasis Time Constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCH
25
50
75
µs
τHC75
Deemphasis Time Constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCH
50
75
100
µs
τHC50
Highcut Time Constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCL
100
150
200
µs
τHC75
Highcut Time Constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCL
150
225
300
µs
STEREOBLEND- and HIGHCUT-CONTROL
REF5V
Internal Reference Voltage
4.7
5
5.3
V
LGmin
Min. LEVEL Gain
-1
0
1
dB
LGmax
Max. LEVEL Gain
8
10
12
dB
LGstep
LEVEL Gain Step Resolution
0.3
0.67
1
dB
VSBLmin
Min. Voltage for Mono
25
29
33
%REF5V
VSBLmax
Max. Voltage for Mono
54
58
62
%REF5V
VSBLstep
Step Resolution
2.2
4.2
6.2
%REF5V
VHCHmin
Min. Voltage for NO Highcut
38
42
46
%REF5V
VHCHmax
Max. Voltage for NO Highcut
62
66
70
%REF5V
VHCHstep
Step Resolution
5
8.4
12
%REF5V
VHCLmin
Min. Voltage for FULL Highcut
12
17
22
%VHCH
VHCLmax
Max. Voltage for FULL Highcut
28
33
38
%VHCH
VHCLstep
Step Resolution
2.2
4.2
6.2
%VHCH
Carrier and harmonic suppression at the output
α19
Pilot Signal f = 19KHz
40
50
dB
α38
Subcarrier f = 38KHz
75
dB
α57
Subcarrier f = 57KHz
62
dB
α76
Subcarrier f = 76KHz
90
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold 0) 1)
meas. with VPEAK = 0.9V
NBT = 111
( c )
30
( c )
mV
NBT = 110
( c )
35
( c )
mV
NBT = 101
( c )
40
( c )
mV
NBT = 100
( c )
45
( c )
mV
NBT = 011
( c )
50
( c )
mV
NBT = 010
( c )
55
( c )
mV
NBT = 001
( c )
60
( c )
mV
NBT = 000
( c )
65
( c )
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com