Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 17Page - STMicroelectronics TDA7513 Datasheet HTML 18Page - STMicroelectronics TDA7513 Datasheet HTML 19Page - STMicroelectronics TDA7513 Datasheet HTML 20Page - STMicroelectronics TDA7513 Datasheet HTML 21Page - STMicroelectronics TDA7513 Datasheet HTML 22Page - STMicroelectronics TDA7513 Datasheet HTML 23Page - STMicroelectronics TDA7513 Datasheet HTML 24Page - STMicroelectronics TDA7513 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
21/58
TDA7513
tTIM = (IRC + 1) / fOSC
tCNT = (CF + 1697) / fIF
(FM mode)
tCNT = (CF + 448) / fIF
(AM mode)
where
tTIM = IF timer cycle time (sampling time)
tCNT = IF counter cycle time
Counting succesful:
tCNT - tERR = tTIM = tCNT + tERR
Count failed:
tTIM > tCNT + tERR
tTIM < tCNT - tERR
where
tERR = discrimination window (controlled by the EW registers)
The IF counter can be started only by inlock information from the PLL, and it is enabled by software
(IFENA).
Adjustment of the Measurement Time and Frequency window
The measurement precision is adjustable by controlling the width of the frequency discrimination window
through control registers EW0 to EW2. The center frequency of the discrimination window is adjustable by
the control register CF0 to CF4. The measurement time per cycle is adjustable by setting the registers
IFS0 - IFS2.
4.4 AUDIO PROCESSOR
Input Multiplexer
CD quasi differential 1
CD quasi differential 2
Stereodecoder input (for both FM and AM signals).
Input stages
The quasi-differential input stages (see figure 4) have been designed to cope with some CD players in the
market having a significant high source impedance which affects strongly the common-mode rejection of
"normal" differential input stages. The additional buffer of the CD input avoids this drawback and offers the
full common-mode rejection even with those CD players. The quasi-differential input can also be used with
normal stereo single-ended output signal sources such as TAPEOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com