Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 38Page - STMicroelectronics TDA7513 Datasheet HTML 39Page - STMicroelectronics TDA7513 Datasheet HTML 40Page - STMicroelectronics TDA7513 Datasheet HTML 41Page - STMicroelectronics TDA7513 Datasheet HTML 42Page - STMicroelectronics TDA7513 Datasheet HTML 43Page - STMicroelectronics TDA7513 Datasheet HTML 44Page - STMicroelectronics TDA7513 Datasheet HTML 45Page - STMicroelectronics TDA7513 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
TDA7513
42/58
SUBADDRESS 17: Quality ISS Filter
SUBADDRESS 18: PLL rest, 456KHz VCO adjust start, ISS MP Gain and SD out mode
MSB
LSB
FUNCTION
FUNCTION
FUNCTION
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS automatic control fron AC detector
0
ON (AC drives ISSTC)
1
OFF (AC has no influence on ISSTC)
ISS manual control
0
automatic control only
1
manual force filter ON
0
manual force BW 120KHz
1
manual force BW 80KHz
ISS time constant
current:
discharge
chrg mid
chrg narrow
000
1
µA74µA124µA
001
3
µA72µA122µA
010
5
µA70µA120µA
100
9
µA66µA116µA
111
15
µA60µA110µA
ISS filter center frequency
0
0
shift from 450kHz
-20KHz
01
-10KHz
10
0KHz
11
10KHz
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
PLL TEST MODE
000
001
010
011
100
101
110
111
Automatic 456KHz VCO adjustment
0
Waiting
1
START
ISS Multipath filter gain
0
0
ISS MP Gain 2dB
0
1
ISS MP Gain 13dB
1
0
ISS MP Gain 16dB
SD pin configuration
0
0
ISS (IFC and FM SM Stop)
0
1
IF Counter out
1
0
FM Smeter Stop
1
1
Logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com