Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 54 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 50Page - STMicroelectronics TDA7513 Datasheet HTML 51Page - STMicroelectronics TDA7513 Datasheet HTML 52Page - STMicroelectronics TDA7513 Datasheet HTML 53Page - STMicroelectronics TDA7513 Datasheet HTML 54Page - STMicroelectronics TDA7513 Datasheet HTML 55Page - STMicroelectronics TDA7513 Datasheet HTML 56Page - STMicroelectronics TDA7513 Datasheet HTML 57Page - STMicroelectronics TDA7513 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
TDA7513
54/58
Subaddress 13: Noise rectifierdisch, resistor, Multipath del. bandpass gain, multipath internal in-
fluence, reflection gain
Subaddress 14: Roll-off compensation, level gain
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Noise Rectifier Discharge Resistor
0
0
R = infinite
0
1
R = 56K
1
0
R = 33K
1
1
R = 18K
Multipath Detector Bandpass Gain
0
0
6dB
0
1
12dB
1
0
16dB
1
1
18dB
Multipath Detector Internal Influence
0ON
1
OFF
Multipath Detector Change Current
0
0.5
µA
11
µA
Multipath Detector Reflection Gain
0
0
Gain = 7.6dB
0
1
Gain = 4.6dB
1
0
Gain = 0dB
1
1
disabled
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Roll-off compensation
0
0
0
0
not allowed
0
0
0
1
7.2%
0
0
1
0
9.4%
--
-
-
0
1
0
0
13.7%
--
-
-
0
1
1
1
20.2%
1
0
0
0
not allowed
1
0
0
1
19.6%
1
0
1
0
21.5%
--
-
-
1
1
0
0
25.3%
--
-
-
1
1
1
1
31.0%
Level gain
0
000
0dB
0
0
0
1
0.66dB
0
0
1
0
1.33dB
--
--
-
1
1
1
1
10dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com