Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 35Page - STMicroelectronics TDA7513 Datasheet HTML 36Page - STMicroelectronics TDA7513 Datasheet HTML 37Page - STMicroelectronics TDA7513 Datasheet HTML 38Page - STMicroelectronics TDA7513 Datasheet HTML 39Page - STMicroelectronics TDA7513 Datasheet HTML 40Page - STMicroelectronics TDA7513 Datasheet HTML 41Page - STMicroelectronics TDA7513 Datasheet HTML 42Page - STMicroelectronics TDA7513 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
39/58
TDA7513
SUBADDRESS 12: AM IF Amplifier gain and Ultra Narrow Band AGC Threshold, FM Smeter and AC
test
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
test FM FS soft mute enable (FM mode)
[bit shared with AM IF AMP Gain]
0
FS Soft mute disabled
1
FS Soft mute enabled
test AC mute (FM mode) [bit shared with AM IF AMP
Gain]
0
test mode FM demod Vout is disconnected from users
1
no test (std)
AM IF AMP Gain (am mode)
0
0
0
Not used
0
0
1
53.2dB
0
1
0
55.8dB
0
1
1
60.2dB
1
0
0
58.3dB
1
0
1
61.7dB
1
1
0
62.8dB
1
1
1
64.8dB
AM UNAGC enable
1
Enable AM UNAGC
0
Disable AM UNAGC
AM Ultra Narrow Band AGC Threshold
0
0
0
0
74.4dB
µV @SG
0
0
0
1
78.8dB
µV @SG
0
0
1
0
80.0dB
µV @SG
0
0
1
1
80.7dB
µV @SG 119.5dBµV @ IF2AMPOUT
0
1
0
0
53.2dB
µV @SG
0
1
0
1
77.1dB
µV @SG
0
1
1
0
78.5dB
µV @SG
0
1
1
1
79.4dB
µV @SG
1
0
0
0
42.7dB
µV @SG
1
0
0
1
65.8dB
µV @SG
1
0
1
0
77.6dB
µV @SG
1
0
1
1
78.5dB
µV @SG
1
1
0
0
32.6dB
µV @SG 113.5dBµV @ IF2AMPOUT
1
1
0
1
55.0dB
µV @SG
1
1
1
0
73.3dB
µV @SG
1
1
1
1
77.6dB
µV @SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com