Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 44Page - STMicroelectronics TDA7513 Datasheet HTML 45Page - STMicroelectronics TDA7513 Datasheet HTML 46Page - STMicroelectronics TDA7513 Datasheet HTML 47Page - STMicroelectronics TDA7513 Datasheet HTML 48Page - STMicroelectronics TDA7513 Datasheet HTML 49Page - STMicroelectronics TDA7513 Datasheet HTML 50Page - STMicroelectronics TDA7513 Datasheet HTML 51Page - STMicroelectronics TDA7513 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
TDA7513
48/58
5.3 ADDRESS ORGANIZATION (STEREODECODER AND AUDIOPROCESSOR SECTION)
SUBADDRESS
READ MODE
ADDRESS
MSB
LSB
Function
Subaddr.
D7
D6
D5
D4
D3
D2
D1
D0
0
spkr coupl
in gain
source selector
Source selector, in gain, peaker
coupling
1
volume steps
Volume
2
not used
treble center freq
treble steps
Treble
3
bass DC
mode
bass Q factor
bass steps
Bass
4
volume steps
Speaker attenuator Left Front
5
volume steps
Speaker attenuator Right Front
6
volume steps
Speaker attenuator Left Read
7
volume steps
Speaker attenuator Right Rear
8NB time
bass center
frequency
not used
soft mute time
I2C soft
mute off
Soft mute, soft mute time, Bass,
Noise blanker time
9
deemph.
pilot thr.
NB peak
dis
force
mono
auto zero
status
std in gain
std mute
disable
Stereo decoder mute, st dec in-
gain, mono, NB PEAK disch curr.,
pilot thresh, deemph.
10
overdev. adj
NB on
noise contr.thresh.
low threshold
Noise Blanker
11
mpath. infl.
VHCL
VHCH
max high out
high cut
on
High cut, multipath influence
12
mpath. infl.
Quality del. coeff.
NB field strength gain
NB field strength
threshold
not used
Fieldstrength control
13
mpath. det. Reflect.
Gain
mpath.
charge
mpath.int.
infl
mpath.det gain
noise rect.disch, R
Noise rectifier disch. resistor,
Multipath del. bandpass gain,
multipath internal influence,
reflection gain
14
roll-off
compens.
level gain
roll-off compensation
Roll-off compensation, level gain
15
AP test ON 400K ON
test signal selection
Itest SC
OFF
SID test
ON
TEST BYTE
16
AM high cut control corner frequency
quality noise gain
mpath test AMHCC, Quality noise gain, test
17
mid Qfactor mid center frequency
mid steps
Mid
18
not used
VSBL
Stereo blend
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
testcon
azhold
autoincr
subaddress
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
STEREO
SMON
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
10
00110
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com