Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 36Page - STMicroelectronics TDA7513 Datasheet HTML 37Page - STMicroelectronics TDA7513 Datasheet HTML 38Page - STMicroelectronics TDA7513 Datasheet HTML 39Page - STMicroelectronics TDA7513 Datasheet HTML 40Page - STMicroelectronics TDA7513 Datasheet HTML 41Page - STMicroelectronics TDA7513 Datasheet HTML 42Page - STMicroelectronics TDA7513 Datasheet HTML 43Page - STMicroelectronics TDA7513 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
TDA7513
40/58
SUBADDRESS 13: Demodulator Fine Adjust and Noise Blanker, MP Qual test
SUBADDRESS 14: Quality Detection Adjacent Channel
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Fm audio demodulator current adjust
00
000
0
µA
0
0
0
0
1
0.167
µA
--
---
-
01
111
2.51
µA
10
000
0
µA
0
0
0
0
1
0.167
µA
1
-
---
-
11
111
2.51
µA
Demodulator Noise Blanker AM Smeter extension
0
0
NB1&2 on (impvic&lontmas)
old (10.7MHz)
0
1
NB1 on (impvicmas)
old (10.7MHz)
1
0
NB2 on (implontmas0
new (450kHz)
1
1
NB1&2 off
new (450kHz)
Multipath (ISS) test
MP test OFF
MP test ON (ISS quality detector MP input from
#ACinL, ISS MP filter+rect output to Smeter test muxer
if input 12 is selected
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS Filter for WB
0
ISS filter 30KHz OFF
1
ISS filter 30KHz ON
ISS Adjacent Channel filter configuration
0
AC highpass frequency 100KHz
1
AC bandpass frequency 100KHz
AC gain
032dB
138dB
ISS Adjacent Channel threshold
0
0
0
AC wide band threshold 0.25V
0
0
1
AC wide band threshold 0.35V
0
1
0
AC wide band threshold 0.45V
-
---
--
-
-
-
-
1
1
1
AC wide band threshold 0.95V
0
0
AC narrow band threshold 0V
0
1
AC narrow band threshold 0.1V
1
0
AC narrow band threshold 0.2V
1
1
AC narrow band threshold 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com