Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 13Page - STMicroelectronics TDA7513 Datasheet HTML 14Page - STMicroelectronics TDA7513 Datasheet HTML 15Page - STMicroelectronics TDA7513 Datasheet HTML 16Page - STMicroelectronics TDA7513 Datasheet HTML 17Page - STMicroelectronics TDA7513 Datasheet HTML 18Page - STMicroelectronics TDA7513 Datasheet HTML 19Page - STMicroelectronics TDA7513 Datasheet HTML 20Page - STMicroelectronics TDA7513 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
17/58
TDA7513
Quality Detection and ISS (see Figure 3) Fieldstrength
Parallel to the mixer2 input a 10.7MHz limiter generates a signal for the digital IF counter and a field-
strength output signal. This internal unfiltered fieldstrength is used for adjacent channel and multipath de-
tection. The behaviour of this output signal can be corrected for DC offset (SL). The internally generated
unfiltered fieldstrength is filtered at pin #SMETERTC and used for softmute function, FM AGC keying and
generation of ISS filter switching signal for weak input level (sm).
Adjacent Channel Detector
The input of the adjacent channel detector is AC coupled to the internal unfiltered fieldstrength. A pro-
grammable and configurable highpass or bandpass filter (ACF) and amplifier (ACG) followed by a rectifier
measure the adjacent channel content. This voltage is compared with an adjustable threshold (ACWTH,
ACNTH) comparator (comparator1). The output signal of this comparator generates a DC level at PIN15
with a programmable time constant. Time constant control (TISS) for the adjacent channel is made by lin-
early charging and discharging an external capacitor following. The charge current is fixed and the dis-
charge current is controlled by I2C bus. This level produces digital signals (ac, ac+) after comparing by the
following comparator4. The adjacent channel information after filtering and rectification is available as an-
alog output on pin #TUNQUALITY (the gain can be selected via I2C bus) in combination with multipath
content information. It is possible to enable adjacent channel content information output only via I2C bus
control.
Multipath Detector
The input of the multipath detector is AC coupled to the internal unfiltered fieldstrength. A programmable
band-pass filter (MPF) and amplifier (MPG) followed by a rectifier measures the multipath content. This
voltage is compared with an adjustable threshold (MPTH) comparator (comparator2). The output signal of
this comparator2 is used to disable the adjacent channel detector control of the ISS filter in case of strong
multipath, which would otherwise result in bandwidth reduction because of the multipath-induced high-fre-
quency content of the fieldstrength signal. The multipath detector influence on the adjacent channel de-
tector is selectable by I2C bus (MPOFF). The multipath information after filtering and rectification is
available as analog output on pin #TUNQUALITY (the gain can be selected via I2C bus) in combination
with the adjacent channel content information. It is possible to enable multipath content information output
only via I2C bus control.
450kHz IF Narrow Bandpass Filter (ISS filter)
The device features an additional automatically selectable IF narrow bandpass filter for suppression noise
and adjacent channel signals. This narrow filter has three switchable bandwidth positions: narrow range
(80kHz), mid range (120kHz) and weather band (30kHz). WHen the ISS filter is not inserted the IF band-
width (wide range) is defined only by the ceramic filter chain. The filter is switched in after mixer2 before
the 450kHz limiter stage. The centre frequency can be finely adjusted (AISS) by software.
Deviation Detector
In order to avoid excessive audio distortion the narrow ISS filter is switched OFF when overdeviation of
the incoming signal is detected. The demodulator output signal is low-pass filtered and rectified to gener-
ate a DC level in an external capacitor through a software-controlled current (TDEV). This level is com-
pared with a programmable threshold (DWTH, DTH) comparator (comparator3) to generate two digital
signals (dev, dev+).
ISS Switch Logic
All digital signals coming from adjacent channel detector, deviation detector and softmute are combined
in a decision matrix to generate the control signals for the ISS filter switch. The IF bandpass switch mode
can be also controlled by software (ISSON, ISS30, ISS80, ISSCTL). The switch-on of the IF bandpass can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com