Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 16Page - STMicroelectronics TDA7513 Datasheet HTML 17Page - STMicroelectronics TDA7513 Datasheet HTML 18Page - STMicroelectronics TDA7513 Datasheet HTML 19Page - STMicroelectronics TDA7513 Datasheet HTML 20Page - STMicroelectronics TDA7513 Datasheet HTML 21Page - STMicroelectronics TDA7513 Datasheet HTML 22Page - STMicroelectronics TDA7513 Datasheet HTML 23Page - STMicroelectronics TDA7513 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
TDA7513
20/58
fREF is high. The switch back to low current mode can be done either automatically as a function of the
inlock detector output (setting bit LDENA to "1") or via software.
After reaching a phase difference equivalent to 10-40 ns (programmable) and a delay multiple of 1/fREF,
the chargepump is forced in low current mode. A new PLL divider programming by I2C bus will switch the
chargepump into high current mode.
A few programmable phase errors (D0, D1) are available for inlock detection. The count of detected inlock
informations to release the inlock signal is adjustable (D2, D3), to avoid switching to low current during a
frequency jump.
Low Noise CMOS Op-amp
An internal voltage divider at pin #LFREF is connected to the positive input of the low noise op-amp. The
charge pump output is connected to the negative input. This internal amplifier in cooperation with external
components provides the active loop filter. Only one loop filter connection is provided because the same
reference frequency is used for both AM and FM operation. The pin #LFHC is connected in such a way
as to partially shunt the loop filter in order to decrease the time constant of the filter itself during jumps with
high current mode activated.
IF Counter Block
The input signal for FM and AM has the same structure although FM IF is measured at IF1 (10.7MHz) and
AM IF is measured at IF2 (450kHz). The degree of integration is adjustable to up to eight different mea-
suring cycle times. The tolerance of the accepted count value is adjustable to reach the optimum compro-
mise between search speed and evaluation precision.
T center frequency of the measured count value is adjustable to fit the IF-filter tolerance.
The IF-Counter Mode
The IF counter works in 2 modes controlled by the IFCM register.
Sampling Timer
A 14-bit programmable (IRC) sampling timer generates the gate signal for the main counter. In FM mode
a 6.25kHz frequency reference is generated for this purpose, whereas in AM mode this reference be-
comes 1kHz. These reference frequencies are further divided to generate the measurement time windows
(160us - 320
µs ... 20.48ms for FM, 1ms - 2ms … 128ms for AM).
Intermediate Frequency Main Counter
This counter is a 11 - 21-bit synchronous autoreload down counter. Five bits (CF) are programmable to
allow the adjustment to the peak of the IF-filter response. The counter length is automatically adjusted to
the chosen sampling time and counter mode (FM, AM).
The IF counter is also used to automatically perform the stereo decoder 456kHz VCO frequency adjust-
ment.
At the start the counter will be loaded with a value equivalent to the expected number of zero-crossing in
the sampling time window (tSample x fIF ). If the correct frequency is applied to the IF counter input, at the
end of the sampling time the main counter will have either a 0h state or a 1FFFFFh state stored.
A deviation from the expected IF will result in a difference of the counter final state from either of these
values. The counter final state is then compared to either 0h or 1FFFFFh minus a number of LSB's deter-
mined by the acceptable frequency window programming (EW).
If the comparison result is good the IF counter output changes from LOW to HIGH and is made available
outside at the pin #SD (after a NAND operation with the signal strength evaluation circuit). The following
relationships apply:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com