Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics TDA7513 Datasheet HTML 10Page - STMicroelectronics TDA7513 Datasheet HTML 11Page - STMicroelectronics TDA7513 Datasheet HTML 12Page - STMicroelectronics TDA7513 Datasheet HTML 13Page - STMicroelectronics TDA7513 Datasheet HTML 14Page - STMicroelectronics TDA7513 Datasheet HTML 15Page - STMicroelectronics TDA7513 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
TDA7513
12/58
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
MID CONTROL
CRANGE
Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
450
500
550
Hz
fC2
0.9
1
1.1
kHz
fC3
1.35
1.5
1.65
kHz
fC4
1.8
2
2.2
kHz
QBASS
Quality Factor
Q1
0.9
1
1.1
Q2
1.8
2
2.2
TREBLE CONTROL
CRANGE
Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
810
12
kHz
fC2
10
12.5
15
kHz
fC3
12
15
18
kHz
fC4
14
17.5
21
kHz
SPEAKER ATTENUATORS
RIN
Input Impedance
17.5
25
32.5
k
GMAX
Max Gain
13
15
17
dB
AMAX
Max Attenuation
-70
-79
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
±2dB
VDC
DC Steps
Adjacent Attenuation Steps
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
THD = 0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
k
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
VDC
DC Voltage Level
3.9
V
GENERAL
Gqd
Gain (QDin)
Quasi-differential Input
0.5
dB
Gstd
Gain (Tuner)
Tuner Input (STD InGain=4dB)
7.5
dB
eNO
Output Noise (QDin)
BW = 20 Hz to 20 kHz
output muted; all flat
15
µV
BW = 20 Hz to 20 kHz
all gain = 0dB
20
µV
S/N
Signal to Noise Ratio (QDin)
all gain = 0dB flat; VO = 2VRMS
100
dB
bass treble at 12dB;
A-weighted; VO = 2.6VRMS
96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com