Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 41Page - STMicroelectronics TDA7513 Datasheet HTML 42Page - STMicroelectronics TDA7513 Datasheet HTML 43Page - STMicroelectronics TDA7513 Datasheet HTML 44Page - STMicroelectronics TDA7513 Datasheet HTML 45Page - STMicroelectronics TDA7513 Datasheet HTML 46Page - STMicroelectronics TDA7513 Datasheet HTML 47Page - STMicroelectronics TDA7513 Datasheet HTML 48Page - STMicroelectronics TDA7513 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
45/58
TDA7513
SUBADDRESS 25: FM NAGC key and AM WAGC
SUBADDRESS 26: AM NAGC key and FM demod ref frequency test
SUBADDRESS 27: ISS tests
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM Narrow ACGC key IF input
00
0
36dB
00
1
42dB
01
0
48dB
01
1
54dB
10
0
60dB
10
1
66dB
11
0
72dB
1
1
1
keying OFF
AM WAGC starting point @ MIX1IN
00
000
88dB
µV
--
---
-
11
111
106dB
µV
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
test for FM demod ref freq divider (standard
configuration)
AM WAGC starting point @ MIX2IN
00
000
85dB
µV
--
---
-
11
111
103dB
µV
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS test multiplexer (1)
0
0
0
0
0
0
0
0
no test
0
0
0
0
0
0
0
1
test MP thresholds
0
0
0
0
0
0
1
0
test ACN thresholds
0
0
0
0
0
1
0
0
test DW thresholds
0
0
0
0
1
0
0
0
test D thresholds
0
0
0
1
0
0
0
0
test ACW thresholds
00
100
00
0
test ac
0
1
0
0
0
0
0
0
test MDSCO
1
0
0
0
0
0
0
0
test ISSout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com