Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 152 page
background image
DSP56362 Technical Data, Rev. 4
B-16
Freescale Semiconductor
-1.70e+00
6.236e+01
5.068e+01
6.237e+01
-1.50e+00
4.389e+01
3.859e+01
4.389e+01
-1.30e+00
2.662e+01
2.651e+01
2.662e+01
-1.10e+00
9.358e+00
1.444e+01
9.359e+00
-9.00e-01
3.399e-02
2.517e+00
3.554e-02
-7.00e-01
3.426e-04
1.577e-02
9.211e-04
-5.00e-01
2.840e-06
7.857e-05
1.655e-05
-3.00e-01
3.401e-09
6.836e-07
1.946e-08
-1.00e-01
6.162e-11
7.379e-09
7.622e-11
0.000e+00
5.758e-11
2.438e-09
6.240e-11
|
[Ramp]
R_load = 50.00
|voltage
I(typ)
I(min)
I(max)
|
|
dV/dt_r
1.680/0.164
1.360/0.329
1.900/0.124
|
|
dV/dt_f
1.690/0.219
1.310/0.442
1.880/0.155
|
|
[Model]
icbc_o
Model_type
3-state
Polarity
Non-Inverting
C_comp
5.00pF
5.00pF
5.00pF
|
|
[Voltage Range]
3.3v
3v
3.6v
[Pulldown]
|voltage
I(typ)
I(min)
I(max)
|
-3.30e+00
-5.20e+02
-3.65e+02
-5.18e+02
-3.10e+00
-4.69e+02
-3.30e+02
-4.67e+02
-2.90e+00
-4.18e+02
-2.94e+02
-4.16e+02
-2.70e+00
-3.67e+02
-2.59e+02
-3.65e+02
-2.50e+00
-3.16e+02
-2.23e+02
-3.14e+02
-2.30e+00
-2.65e+02
-1.88e+02
-2.63e+02
-2.10e+00
-2.14e+02
-1.52e+02
-2.11e+02
-1.90e+00
-1.63e+02
-1.17e+02
-1.60e+02
-1.70e+00
-1.13e+02
-9.25e+01
-1.10e+02
-1.50e+00
-7.83e+01
-6.88e+01
-7.58e+01
-1.30e+00
-4.42e+01
-4.51e+01
-4.17e+01
-1.10e+00
-1.02e+01
-2.15e+01
-7.67e+00
-9.00e-01
-2.51e-02
-1.18e+00
-2.65e-02
-7.00e-01
-1.30e-02
-1.16e-02
-1.58e-02
-5.00e-01
-9.33e-03
-4.67e-03
-1.10e-02
-3.00e-01
-5.75e-03
-2.81e-03
-6.76e-03
-1.00e-01
-1.97e-03
-9.48e-04
-2.32e-03
1.000e-01
1.945e-03
9.285e-04
2.307e-03
3.000e-01
5.507e-03
2.640e-03
6.599e-03
5.000e-01
8.649e-03
4.168e-03
1.048e-02
7.000e-01
1.136e-02
5.504e-03
1.393e-02
9.000e-01
1.364e-02
6.636e-03
1.693e-02
1.100e+00
1.547e-02
7.551e-03
1.950e-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com