Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 152 page
background image
DSP56362 Technical Data, Rev. 4
B-20
Freescale Semiconductor
-5.00e-01
-4.86e-07
-2.55e-05
-2.73e-06
-3.00e-01
-5.19e-10
-1.91e-07
-2.57e-09
-1.00e-01
-1.91e-11
-2.47e-09
-2.19e-11
0.000e+00
-1.68e-11
-1.17e-09
-1.84e-11
|
[POWER_clamp]
|voltage
I(typ)
I(min)
I(max)
|
-3.30e+00
2.667e+02
1.885e+02
2.667e+02
-3.10e+00
2.411e+02
1.707e+02
2.411e+02
-2.90e+00
2.155e+02
1.528e+02
2.155e+02
-2.70e+00
1.898e+02
1.350e+02
1.898e+02
-2.50e+00
1.642e+02
1.172e+02
1.642e+02
-2.30e+00
1.386e+02
9.935e+01
1.386e+02
-2.10e+00
1.130e+02
8.152e+01
1.130e+02
-1.90e+00
8.739e+01
6.369e+01
8.739e+01
-1.70e+00
6.178e+01
4.999e+01
6.178e+01
-1.50e+00
4.346e+01
3.806e+01
4.346e+01
-1.30e+00
2.634e+01
2.613e+01
2.634e+01
-1.10e+00
9.237e+00
1.421e+01
9.237e+00
-9.00e-01
2.454e-02
2.430e+00
2.488e-02
-7.00e-01
8.741e-05
1.104e-02
2.050e-04
-5.00e-01
6.316e-07
4.079e-05
2.961e-06
-3.00e-01
8.479e-10
2.484e-07
3.721e-09
-1.00e-01
4.420e-11
3.001e-09
4.943e-11
0.000e+00
4.215e-11
1.346e-09
4.543e-11
|
|
[Model]
ipbw_io
Model_type
I/O
Polarity
Non-Inverting
Vinl= 0.8000v
Vinh= 2.000v
C_comp
5.00pF
5.00pF
5.00pF
|
|
[Voltage Range]
3.3v
3v
3.6v
[Pulldown]
|voltage
I(typ)
I(min)
I(max)
|
-3.30e+00
-5.20e+02
-3.65e+02
-5.17e+02
-3.10e+00
-4.69e+02
-3.29e+02
-4.66e+02
-2.90e+00
-4.18e+02
-2.94e+02
-4.15e+02
-2.70e+00
-3.67e+02
-2.58e+02
-3.64e+02
-2.50e+00
-3.16e+02
-2.23e+02
-3.13e+02
-2.30e+00
-2.65e+02
-1.88e+02
-2.62e+02
-2.10e+00
-2.14e+02
-1.52e+02
-2.11e+02
-1.90e+00
-1.63e+02
-1.17e+02
-1.60e+02
-1.70e+00
-1.13e+02
-9.24e+01
-1.10e+02
-1.50e+00
-7.82e+01
-6.87e+01
-7.57e+01
-1.30e+00
-4.42e+01
-4.51e+01
-4.17e+01
-1.10e+00
-1.02e+01
-2.15e+01
-7.66e+00
-9.00e-01
-3.69e-02
-1.17e+00
-3.79e-02
-7.00e-01
-2.52e-02
-1.67e-02
-2.81e-02
-5.00e-01
-1.83e-02
-9.77e-03
-2.04e-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com