Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 144Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 152 page
background image
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
B-19
-3.10e+00
2.420e+02
1.716e+02
2.420e+02
-2.90e+00
2.163e+02
1.537e+02
2.163e+02
-2.70e+00
1.906e+02
1.358e+02
1.906e+02
-2.50e+00
1.649e+02
1.179e+02
1.649e+02
-2.30e+00
1.392e+02
9.996e+01
1.392e+02
-2.10e+00
1.135e+02
8.205e+01
1.135e+02
-1.90e+00
8.778e+01
6.413e+01
8.778e+01
-1.70e+00
6.208e+01
5.035e+01
6.208e+01
-1.50e+00
4.368e+01
3.834e+01
4.368e+01
-1.30e+00
2.649e+01
2.633e+01
2.649e+01
-1.10e+00
9.300e+00
1.433e+01
9.301e+00
-9.00e-01
2.962e-02
2.475e+00
3.075e-02
-7.00e-01
2.501e-04
1.354e-02
6.708e-04
-5.00e-01
2.066e-06
6.280e-05
1.204e-05
-3.00e-01
2.487e-09
5.128e-07
1.417e-08
-1.00e-01
5.672e-11
5.639e-09
6.832e-11
0.000e+00
5.334e-11
1.992e-09
5.783e-11
|
[Ramp]
R_load = 50.00
|voltage
I(typ)
I(min)
I(max)
|
|
dV/dt_r
1.570/0.200
1.210/0.411
1.810/0.149
|
|
dV/dt_f
1.590/0.304
1.170/0.673
1.800/0.205
|
|
[Model]
ipbw_i
Model_type
Input
Polarity
Non-Inverting
Vinl= 0.8000v
Vinh= 2.000v
C_comp
5.00pF
5.00pF
5.00pF
|
|
[Voltage Range]
3.3v
3v
3.6v
[GND_clamp]
|voltage
I(typ)
I(min)
I(max)
|
-3.30e+00
-5.20e+02
-3.65e+02
-5.17e+02
-3.10e+00
-4.69e+02
-3.29e+02
-4.66e+02
-2.90e+00
-4.18e+02
-2.94e+02
-4.15e+02
-2.70e+00
-3.67e+02
-2.58e+02
-3.64e+02
-2.50e+00
-3.16e+02
-2.23e+02
-3.13e+02
-2.30e+00
-2.65e+02
-1.88e+02
-2.62e+02
-2.10e+00
-2.14e+02
-1.52e+02
-2.11e+02
-1.90e+00
-1.63e+02
-1.17e+02
-1.60e+02
-1.70e+00
-1.13e+02
-9.24e+01
-1.10e+02
-1.50e+00
-7.82e+01
-6.87e+01
-7.57e+01
-1.30e+00
-4.42e+01
-4.51e+01
-4.16e+01
-1.10e+00
-1.02e+01
-2.15e+01
-7.64e+00
-9.00e-01
-7.17e-03
-1.16e+00
-4.87e-03
-7.00e-01
-1.14e-04
-4.39e-03
-3.03e-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com