Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 24Page - ams-OSRAM AG AS3722 Datasheet HTML 25Page - ams-OSRAM AG AS3722 Datasheet HTML 26Page - ams-OSRAM AG AS3722 Datasheet HTML 27Page - ams-OSRAM AG AS3722 Datasheet HTML 28Page - ams-OSRAM AG AS3722 Datasheet HTML 29Page - ams-OSRAM AG AS3722 Datasheet HTML 30Page - ams-OSRAM AG AS3722 Datasheet HTML 31Page - ams-OSRAM AG AS3722 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 199 page
background image
ams Datasheet
Page 27
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Figure 19:
DC/DC Buck Converter SD2+SD3 & SD4+SD5 Mode
Parameter
Figure 20:
DC/DC Buck Converter Parameter
DC/DC Buck Slave Operation: Shows
the internal DC/DC buck converters with
SD3 operating as slave of SD2 and SD5
operating as a slave from SD4 to increase
the output current.
(sd3_slave = 1 & sd5_slave=1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage
Pin VSUP_SDx
2.7
5.5
V
VOUT
Regulated output voltage
0.6125
3.35
V
VOUT_tol
Output voltage tolerance
min. 30mV
-3
+3
%
ILOAD_SD2
Load current SD2
VSD2 ≤1.8V
0
5
A
VSD2 >1.8V
0
3
A
ILOAD_SD3
Load current SD3
VSD3 ≤1.8V
0
2
A
VSD3 >1.8V
0
1.5
A
ILOAD_SD45
Load current SD4,5
VSD4/5 ≤1.8V
0
1.5
A
VSD4/5 >1.8V
0
1
A
ILIMIT
Current limit
SD2 (sd2_hicurr=1)
6
A
SD3
2.5
A
VSUP_SD2
LX_SD2
FB_SD2
VSS_SD2
VSUP_SD3
LX_SD3
FB_SD3
PVSS_SD3
0.47uH
47uF
VSD2 (4.5-6A)
12.5mV steps
4.7uF
VSUP_SD4
LX_SD4
FB_SD4
VSS_SD4
1uH
22uF
VSD4 (2-3A)
12.5mV steps
4.7uF
VSUP_SD5
LX_SD5
FB_SD5
VSS_SD5
DCDC2
0.6V-3.3V
3-4A
DCDC3
0.6V-3.3V
1.5-2A
DCDC4
0.6V-3.3V
1-1.5A
DCDC5
0.6V-3.3V
1-1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com