Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 60Page - ams-OSRAM AG AS3722 Datasheet HTML 61Page - ams-OSRAM AG AS3722 Datasheet HTML 62Page - ams-OSRAM AG AS3722 Datasheet HTML 63Page - ams-OSRAM AG AS3722 Datasheet HTML 64Page - ams-OSRAM AG AS3722 Datasheet HTML 65Page - ams-OSRAM AG AS3722 Datasheet HTML 66Page - ams-OSRAM AG AS3722 Datasheet HTML 67Page - ams-OSRAM AG AS3722 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 199 page
background image
ams Datasheet
Page 63
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Internal References
Description
The internal reference is power by the V2_5 always on LDO. It
uses an external capacitor and resistor for filtering and current
setting. In power_off mode the V2_5 stays alive but the
reference will be disabled.
Low Power Mode
Use bit low_power_on to activate the Low Power Mode. In this
mode the on-chip voltage reference and the temperature
supervision comparators are operating in pulsed mode. This
reduces the quiescent current of the AS3722 by 45uA (typ.).
Because of the pulsed function some specifications are not
fulfilled in this mode (e.g. increased noise), but still the full
functionality is available.
For disabling the Low Power Mode low_power_on has to be
cleared via the serial interface.
Parameter
Figure 61:
Reference Parameter
Reference Parameter: Shows the key electrical parameter of the on-chip reference
Figure 62:
Reference External Components
Reference External Components: Shows the external component parameter of the on-chip reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEXT
Reference Voltage
Low noise trimmed voltage
reference – connected to Pad
CREF; do not load
1.58
1.6
1.62
V
fCLK
Accuracy of Internal
reference clock
Adjustable by serial interface
register clk_int
-12
fCLK
+12
%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CEXT
External filter capacitor
Ceramic low-ESR capacitor
between CREF and VSS
-10%
100
+10%
nF
RBIAS
External bias current
set resistor
Bias Current set resistor
between RBIAS and VSS
-1%
220
+1%
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com