Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 80 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 80 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 76Page - ams-OSRAM AG AS3722 Datasheet HTML 77Page - ams-OSRAM AG AS3722 Datasheet HTML 78Page - ams-OSRAM AG AS3722 Datasheet HTML 79Page - ams-OSRAM AG AS3722 Datasheet HTML 80Page - ams-OSRAM AG AS3722 Datasheet HTML 81Page - ams-OSRAM AG AS3722 Datasheet HTML 82Page - ams-OSRAM AG AS3722 Datasheet HTML 83Page - ams-OSRAM AG AS3722 Datasheet HTML 84Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 199 page
background image
ams Datasheet
Page 79
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Serial Control Interfaces
AS3722 features an I2C and SPI interface. Both interfaces are
sharing the same pins and can therefore not be used at the same
time.
Figure 72:
I2C-SPI Block Diagram
I2C-SPI Block Diagram: Shows the internal structure and connections between the I2C and SPI interface.
I2C-SPI Mode Selection
The AS3722 provides automatic selection of serial interface
modes SPI and I2C. I2C/SPI configuration is chosen by the SPI
chip select pin SCSB. Initially after power-on-reset the chip is in
I2C mode. As soon as SCSB goes high for more than 1ms (with
an internal de-bouncer in MODE DEDECT block), the device
switches to SPI mode and stays in SPI mode till the next reset.
For SPI that means that the interface must go inactive (high) for
>1ms before the first SPI access can be done.
For I2C mode operation the device pin SCSB must always be
connected to ground.
Figure 73:
I2C-SPI Mode Selection
I2C-SPI Mode Selection: Shows the state diagram on how to change between the I2C and SPI interface.
SDA/SDI
SPI
SCL/SCLK
SDO
SCSB
I2C
VDD_GPIO_lv
1.5 … 3.6V
MODE
DETECT
V2_5
mode
For I2C mode,
PIN SCSB must be
grounded externally.
I2C mode
SPI mode
POR
SCSB==1 for > 1ms
RESET_N==0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com