Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 11Page - ams-OSRAM AG AS3722 Datasheet HTML 12Page - ams-OSRAM AG AS3722 Datasheet HTML 13Page - ams-OSRAM AG AS3722 Datasheet HTML 14Page - ams-OSRAM AG AS3722 Datasheet HTML 15Page - ams-OSRAM AG AS3722 Datasheet HTML 16Page - ams-OSRAM AG AS3722 Datasheet HTML 17Page - ams-OSRAM AG AS3722 Datasheet HTML 18Page - ams-OSRAM AG AS3722 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 199 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Absolute Maximum R atings
Stresses beyond those listed in Absolute Maximum Ratings may
cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated in Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for periods may affect device reliability.
Figure 7:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
Supply Voltage to Ground
30V pins
-0.5
32
V
Applicable for pin VBAT
Supply Voltage to Ground
5V pins
-0.5
7.0
V
Applicable for pins
VSUP_SDx, VSUP_ANA,
ONKEY, VSUP_GPIO,
VIN_LDOx, LDO6 (switch
mode), THERM, AC_OK, LID
5V pins with protection to
VSUP
-0.5
VSUP_x
V
Applicable for pins
SCL_SCLK, SDA_SDI, SCSB,
SDO, XINT, VDD_GPIO_LV,
GPIOx, CLK32K, OC_PG,
LX_SDx, CTRLx,
XRES_IN/OUT, ENABLEx,
PWMx
Supply Voltage to Ground
3V pins
-0.5
5.0
V
Applicable for pins V2_5,
VBAT_BKUP,
VIN_LDO3_LV/SW
3V pins with protection to
VIN_LDOx
-0.5
5.0 or
VIN_LDOx
VApplicable for pins LDOx
3V pins with protection to
VSUP
-0.5
5.0 or
VSUP_x
V
Applicable for pins TEMPx,
FB_SDx
3V pins with protection to
V2_5
-0.5
V2_5
V
Applicable for pins CREF,
RBIAS, XIN32K, XOUT32K,
EN5V
Voltage Difference
between Ground
Terminals
-0.3
0.3
V
Applicable for pins VSSx,
VSSA, GNDSENSE
ISCR
Input Current (latch-up
immunity)
-100
100
mA
Norm: JEDEC JESD78
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com