Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 25Page - ams-OSRAM AG AS3722 Datasheet HTML 26Page - ams-OSRAM AG AS3722 Datasheet HTML 27Page - ams-OSRAM AG AS3722 Datasheet HTML 28Page - ams-OSRAM AG AS3722 Datasheet HTML 29Page - ams-OSRAM AG AS3722 Datasheet HTML 30Page - ams-OSRAM AG AS3722 Datasheet HTML 31Page - ams-OSRAM AG AS3722 Datasheet HTML 32Page - ams-OSRAM AG AS3722 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 199 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
DC/DC Buck Converter Parameter: Shows the key electrical parameter of the internal DC/DC buck converters
SD4, SD5
1.8
A
RPSW
P-Switch ON resistance
incl. bonds, substrate, etc
SD2; VSUP_SDx=3.0V
78
100
mΩ
SD3; VSUP_SDx=3.0V
156
200
mΩ
SD4, SD5;
VSUP_SDx=3.0V
225
300
mΩ
RNSW
N-Switch ON resistance
incl. bonds, substrate, etc
SD2; VSUP_SDx=3.0V
50
70
mΩ
SD3; VSUP_SDx=3.0V
100
130
mΩ
SD4, SD5;
VSUP_SDx=3.0V
140
190
mΩ
fSW
Switching frequency
sdX_frequ=1;
fclk_int =4MHz
4MHz
sdX_frequ=0;
fclk_int =4MHz
3MHz
ηeff
Efficiency
see figures below
%
IVDD
Current consumption
Operating current
without load
60
μA
RDIS
discharge resistance
SD2 off; Vout=1V
90
Ω
SD3/4/5 off; Vout=1V
160
Ω
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com