Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 33Page - ams-OSRAM AG AS3722 Datasheet HTML 34Page - ams-OSRAM AG AS3722 Datasheet HTML 35Page - ams-OSRAM AG AS3722 Datasheet HTML 36Page - ams-OSRAM AG AS3722 Datasheet HTML 37Page - ams-OSRAM AG AS3722 Datasheet HTML 38Page - ams-OSRAM AG AS3722 Datasheet HTML 39Page - ams-OSRAM AG AS3722 Datasheet HTML 40Page - ams-OSRAM AG AS3722 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 199 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
Fast Regulation Mode
This mode can be used to react faster on sudden load changes
and thus minimize the over-/undershoot of the output voltage.
This mode needs a bigger output capacitor to guarantee the
stability of the regulator. The mode is enabled by setting
sdX_fast =1.
100% PMOS ON Mode for Low Dropout Regulation
For low input to output voltage difference the DCDC converter
can use 100% duty cycle for the PMOS transistor, which is then
in LDO mode.
DVS (Dynamic Voltage Setting)
For a quick change of output voltage a dedicated PWM interface
can be used for SD0 and SD6. Please refer to PWM Control
Interface chapter for more details.
DVM (Dynamic Voltage Management)
To minimize the over-/undershoot during a change of the
output voltage, the DVM can be enabled. With DVM the output
voltage will ramp up/down with a selectable slope after the new
value was written to the registers. Without DVM the slew rate
of the output voltage is only determined by external
components like the coil and load capacitor as well as the load
current.
DVM can be selected for all step-down controllers, but only for
one at a time. (see dvm_time_SDx description)
Automatic Phase Shedding
SD0, SD1 and SD6 allow automatic phase shedding which can
be enabled with sdX_phsw_on. For SD0 a minimum number of
phases for this automatic phase shedding can be defined with
sd0_nph_min.
Parameter
Figure 29:
DC/DC Buck Controller Parameter
DC/DC Buck Controller Parameter: Shows the key electrical parameter of the DC/DC buck controller
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage
Pin VSUP_SDx
2.5
5.5
V
VOUT
Regulated output voltage
0.61
1.5
V
VOUT_tol
Output voltage tolerance
min. 20mV
-2
+2
%
fSW
Switching frequency
fclk_int = 4MHz
2.7
3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com