Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 89 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 89 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 85Page - ams-OSRAM AG AS3722 Datasheet HTML 86Page - ams-OSRAM AG AS3722 Datasheet HTML 87Page - ams-OSRAM AG AS3722 Datasheet HTML 88Page - ams-OSRAM AG AS3722 Datasheet HTML 89Page - ams-OSRAM AG AS3722 Datasheet HTML 90Page - ams-OSRAM AG AS3722 Datasheet HTML 91Page - ams-OSRAM AG AS3722 Datasheet HTML 92Page - ams-OSRAM AG AS3722 Datasheet HTML 93Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 199 page
background image
Page 88
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3 722 − Register Description
11h
LDO1Voltage
ldo1_ilimit
ldo1_vsel<6:0>
12h
LDO2Voltage
ldo2_ilimit
ldo2_vsel<6:0>
13h
LDO3Voltage
ldo3_mode<7:6>
ldo3_vsel<5:0>
14h
LDO4Voltage
ldo4_ilimit
ldo4_vsel<6:0>
15h
LDO5Voltage
ldo5_ilimit
ldo5_vsel<6:0>
16h
LDO6Voltage
ldo6_ilimit
ldo6_vsel<6:0>
17h
LDO7Voltage
ldo7_ilimit
ldo7_vsel<6:0>
19h
LDO9Voltage
ldo9_ilimit
ldo9_vsel<6:0>
1Ah
LDO10Voltage
ldo10_ilimit
ldo10_vsel<6:0>
1Bh
LDO11Voltage
ldo11_ilimit
ldo11_vsel<6:0>
1Dh
LDO3_settings
-
ldo3_vtrack_tr<1:0>
1Eh
GPIO_deb1
gpio3_deb<7:6>
gpio2_deb<5:4>
gpio1_deb<3:2>
gpio0_deb<1:0>
1Fh
GPIO_deb2
gpio7_deb<7:6>
gpio6_deb<5:4>
gpio5_deb<3:2>
gpio4_deb<1:0>
20h
GPIOsignal_out
gpio7_out
gpio6_out
gpio5_o
ut
gpio4_out
gpio3_
out
gpio2_out
gpio1_out
gpio0_out
21h
GPIOsignal_in
gpio7_in
gpio6_in
gpio5_in
gpio4_in
gpio3_i
n
gpio2_in
gpio1_in
gpio0_in
22h
Reg_sequ_mod1
-
sd6_sequ
_on
sd5_seq
u_on
sd4_sequ_
on
sd3_se
qu_on
sd2_sequ_on
sd1_sequ_on
sd0_sequ_on
23h
Reg_sequ_mod2
ldo7_sequ_on
ldo6_seq
u_on
ldo5_se
qu_on
ldo4_sequ
_on
ldo3_se
qu_on
ldo2_sequ_on
ldo1_sequ_on
ldo0_sequ_on
24h
Reg_sequ_mod3
-
ldo11_s
equ_on
ldo10_sequ_on
ldo9_sequ_on
-
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com