Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 49Page - ams-OSRAM AG AS3722 Datasheet HTML 50Page - ams-OSRAM AG AS3722 Datasheet HTML 51Page - ams-OSRAM AG AS3722 Datasheet HTML 52Page - ams-OSRAM AG AS3722 Datasheet HTML 53Page - ams-OSRAM AG AS3722 Datasheet HTML 54Page - ams-OSRAM AG AS3722 Datasheet HTML 55Page - ams-OSRAM AG AS3722 Datasheet HTML 56Page - ams-OSRAM AG AS3722 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 199 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Start-Up Reasons
A Start-up can be activated from 8 different sources:
• VPOR has been reached (VSUP/VBAT rising from scratch)
• ONKEY has been pulled high in power_off mode
• AC_OK has been pulled high in power_off mode
• LID has been pulled high in power_off mode
• RTC wake_up has been detected in power_off mode
• Reset cycle
• Soft Reset cycle
• ResVoltRise was reached
Start-Up From Multiple Batteries
If the system is powered by a single battery the start-up looks
like below.
Figure 51:
Start-Up From Single Cell Batteries
Start-Up From Single Cell Batteries: Shows basic start-up from a single cell battery (VBAT and VSUP tied
together)
For multi cell batteries or supplies greater 5V, the system needs
a 5V pre-regulator to power the AS3722. The AS3722 is
monitoring the battery voltage (VBAT ) and controls the enable
signal (EN5V) for the external 5V pre-regulator for generating
a 5V system supply (VSUP).
VBAT rise = ResVoltRise programmed in OTP
Start-up sequence
t (not to scale)
VBAT/VSUP
ncells=0
Regulator Voltages
XRES
serial communication possible
res_timer
1-15ms
~4ms
debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com