Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 63Page - ams-OSRAM AG AS3722 Datasheet HTML 64Page - ams-OSRAM AG AS3722 Datasheet HTML 65Page - ams-OSRAM AG AS3722 Datasheet HTML 66Page - ams-OSRAM AG AS3722 Datasheet HTML 67Page - ams-OSRAM AG AS3722 Datasheet HTML 68Page - ams-OSRAM AG AS3722 Datasheet HTML 69Page - ams-OSRAM AG AS3722 Datasheet HTML 70Page - ams-OSRAM AG AS3722 Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 199 page
background image
Page 66
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
PWM Input
With this input the PWM signal of the internal PWM generator
can be over-ruled. This input is then used to drive the PWM
output function of a GPIO if selected. The gpioX_mode should
be set to input.
Voltage_sdtby + Restart Input
As long as the GPIOx pin is high the DCDC/LDOs operate with
the normal register settings. If the GPIOx pin goes low the
settings will change to the ones stored in regX_voltage_stby. In
addition the chip is set into stand-by mode. regX_select_stby
defines the order of the regulators for going into stand_by. All
other regulators not defined in sdX_stby_on or ldoX_stdby_on
will be put into stand_by simultaneously at the end of the
sequence.
Pulling GPIOx pin high will wake-up the chip. The sequence is
reversed to going into stand_by.
Delays for the sequence can be set with regX_stby_delay and
delay_time_stby.
The gpioX_mode should be set to input.
OC_PG_SD0 Output
Please see section OC_PG pin function description in chapter
OC_PG (Output Pins) for a detailed description.
PWRGOOD Output
This signal will go high at the end of the start-up sequence. This
can be used as a second reset signal to the processor to e.g.
start oscillators. The gpioX_mode should be set to output.
Q32k Output
When selected the GPIOx will provide the 32kHz RTC crystal
frequency. If the oscillator is not enabled or not assembled an
internal RC oscillator based clock will be used for the output.
The gpioX_mode should be set to output.
Watchdog Input
When pulling the GPIO high the watchdog will be triggered to
avoid a reset cycle initiated by the watchdog. The gpioX_mode
should be set to input.
Soft-Reset Input
This will perform a start-up sequence to reset all voltage
registers. The gpioX_mode should be set to input.
PWM Output
The GPIO block includes an internal programmable PWM
generator (can be connected to any of the GPIO outputs). Its
timing is defined by pwm_h_time, pwm_l_time and pwm_div.
The gpioX_mode should be set to output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com