Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 12Page - ams-OSRAM AG AS3722 Datasheet HTML 13Page - ams-OSRAM AG AS3722 Datasheet HTML 14Page - ams-OSRAM AG AS3722 Datasheet HTML 15Page - ams-OSRAM AG AS3722 Datasheet HTML 16Page - ams-OSRAM AG AS3722 Datasheet HTML 17Page - ams-OSRAM AG AS3722 Datasheet HTML 18Page - ams-OSRAM AG AS3722 Datasheet HTML 19Page - ams-OSRAM AG AS3722 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 199 page
background image
ams Datasheet
Page 15
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. Depending on actual PCB layout and PCB used
2. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”
Continuous Power Dissipation (TA = 70°C)
PT
Continuous power
dissipation
1.4
W
PT
(1) for CTBGA124 package
(RTHJA ~ 38K/W)
PT
Continuous power
dissipation
1.3
W
PT
(1) for WL-CSP108 package
(RTHJA ~ 40K/W)
Electrostatic Discharge
ESDHBM
Electrostatic Discharge
HBM
±1.5
kV
Norm:
JEDEC JESD22-A114F
Temperature Ranges and Storage Conditions
TA
Operating Temperature
-40
85
°C
TJ
Junction Temperature
125
°C
TSTRG
Storage Temperature
Range
-55
125
°C
TBODY
Package Body
Temperature
260
°C
Norm IPC/JEDEC
J-STD-020(2)
RHNC
Relative Humidity
non-condensing
585
%
MSL
Moisture Sensitivity Level
3
for CTBGA, represents a
max. floor life time of 168h
1
for WL-CSP, represents an
unlimited max. floor life
time
Bump Temperature (CTBGA Soldering)
TPEAK
Soldering Profile
235
245
°C
Peak Temperature
tWELL
30
45
s
Well Time above 217°C
Symbol
Parameter
Min
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com