Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 68Page - ams-OSRAM AG AS3722 Datasheet HTML 69Page - ams-OSRAM AG AS3722 Datasheet HTML 70Page - ams-OSRAM AG AS3722 Datasheet HTML 71Page - ams-OSRAM AG AS3722 Datasheet HTML 72Page - ams-OSRAM AG AS3722 Datasheet HTML 73Page - ams-OSRAM AG AS3722 Datasheet HTML 74Page - ams-OSRAM AG AS3722 Datasheet HTML 75Page - ams-OSRAM AG AS3722 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 199 page
background image
ams Datasheet
Page 71
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
corresponding status bit (temp_sdX_shutdown) can only be
cleared by reading the register. It’s possible to generate an
interrupt (mask able) on reaching both the alarm and the
shutdown level.
Figure 67:
Temperature Supervision Characteristics
Temperature Supervision Characteristic: Shows the key electrical parameter of the over-temperature
supervision.
Current Supervision
All LDO’s and DCDC step downs have an integrated over-current
protection.
When a regulator runs into its current limit, the output voltage
will drop and trigger a “low voltage” interrupt when hitting the
threshold (-5% for SD0-6).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Talarm0
ov_temp_alarm0 rising
threshold
79
94
109
ºC
Talarm1
ov_temp_alarm1 rising
threshold
98
113
128
ºC
Tshutdown
ov_temp_shutdown
rising threshold
125
140
155
ºC
Thyst
ov_temp_110/140
hysteresis
5ºC
TSDx_alarm
temp_sdX_alarm rising
threshold
95
110
1125
ºC
TSDx_shutdown
temp_sdX_shutdown
rising threshold
125
140
155
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com