Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 35Page - ams-OSRAM AG AS3722 Datasheet HTML 36Page - ams-OSRAM AG AS3722 Datasheet HTML 37Page - ams-OSRAM AG AS3722 Datasheet HTML 38Page - ams-OSRAM AG AS3722 Datasheet HTML 39Page - ams-OSRAM AG AS3722 Datasheet HTML 40Page - ams-OSRAM AG AS3722 Datasheet HTML 41Page - ams-OSRAM AG AS3722 Datasheet HTML 42Page - ams-OSRAM AG AS3722 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 199 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
Figure 31:
SD0 Efficiency vs. Output Current Combined Mode
Figure 32:
SD1 3.7V Eff vs. Iout Mode and Coil Comparison 1/2
DC/DC Buck SD0 Efficiency: Shows
efficiency of the SD0 buck controller
with VSUP=3.7V, 1.35MHz operation,
TA=25°C and Coilcraft XAL5030-601MEB
coil.
DC/DC Buck SD1 Efficiency: Shows
efficiency of the SD1 buck controller in
dual and combined mode @ 1.2V with
VSUP=3.7V, 1.35MHz operation, TA=25°C
and TDK TFM coils.
40
45
50
55
60
65
70
75
80
85
90
95
0,001
0,01
0,1
1
10
Output Current (A)
1.5V
1.2V
1.0V
1.5V, low noise
1.2V, low noise
1.0V, low noise
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
Output Current (A)
AS3729B 3V7-1V2 TFM201610GHM-1R0M dual (1.35MHz)
AS3729B 3V7-1V2 TFM201610GHM-R47M dual (1.35MHz)
AS3729B 3V7-1V2 TFM252010GHM-R47M dual (1.35MHz)
AS3729B 3V7-1V2 TFM201610GHM-R47M combined (1.35MHz)
AS3729B 3V7-1V2 TFM252010GHM-R47M combined (1.35MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com