Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 95 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 95 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 91Page - ams-OSRAM AG AS3722 Datasheet HTML 92Page - ams-OSRAM AG AS3722 Datasheet HTML 93Page - ams-OSRAM AG AS3722 Datasheet HTML 94Page - ams-OSRAM AG AS3722 Datasheet HTML 95Page - ams-OSRAM AG AS3722 Datasheet HTML 96Page - ams-OSRAM AG AS3722 Datasheet HTML 97Page - ams-OSRAM AG AS3722 Datasheet HTML 98Page - ams-OSRAM AG AS3722 Datasheet HTML 99Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 199 page
background image
Page 94
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3 722 − Register Description
7Dh
Temp_Status
-
temp_sd6
_alarm
temp_sd
1_alarm
temp_sd0_
alarm
mask_o
vtemp
temp_sd6_shut
down
temp_sd1_shutdown
temp_sd0_shutdown
80h
ADC0_control
adc0_start_conv
ersion
-
adc0_gp
io_lv
adc0_select<4:0>
81h
ADC1_control
adc1_start_conv
ersion
adc1_inte
rval_scan
adc1_gp
io_lv
adc1_select<4:0>
82h
ADC0_MSB_result
adc0_result_not_
ready
adc0_D[9:3]<6:0>
83h
ADC0_LSB_result
-
adc0_D[2:0]<2:0>
84h
ADC1_MSB_result
adc1_result_not_
ready
adc1_D[9:3]<6:0>
85h
ADC1_LSB_result
-
adc1_D[2:0]<2:0>
86h
ADC1_threshold_hi_
MSB
-
adc1_threshold_hi[9:3]<6:0>
87h
ADC1_threshold_hi_
LSB
-
adc1_threshold_hi[2:0]<2:0>
88h
ADC1_threshold_lo_
MSB
-
adc1_threshold_lo[9:3]<6:0>
89h
ADC1_threshold_lo_
LSB
-
adc1_threshold_lo[2:0]<2:0>
8Ah
ADC_configuration
-
adc_buf_on
adc1_interrupt_mod
e
adc1_interval_time
90h
ASIC_ID1
ID1<7:0>
91h
ASIC_ID2
-
revision<3:0>
9Eh
LockRegister
-
reg_lock<1:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com