Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 74 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 74 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 70Page - ams-OSRAM AG AS3722 Datasheet HTML 71Page - ams-OSRAM AG AS3722 Datasheet HTML 72Page - ams-OSRAM AG AS3722 Datasheet HTML 73Page - ams-OSRAM AG AS3722 Datasheet HTML 74Page - ams-OSRAM AG AS3722 Datasheet HTML 75Page - ams-OSRAM AG AS3722 Datasheet HTML 76Page - ams-OSRAM AG AS3722 Datasheet HTML 77Page - ams-OSRAM AG AS3722 Datasheet HTML 78Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 199 page
background image
ams Datasheet
Page 73
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Interrupt Generation
Description
The interrupt controller generates an interrupt request for the
host controller as soon as one or more of the bits in the Interrupt
1…3 register are set by pulling low pin XINT. All the interrupt
sources can be enabled in the Interrupt Mask 1…3 register. The
Interrupt 1…3 registers are cleared automatically after the host
controller has read them. To prevent the AS3722device from
losing an interrupt event, the register that is read is captured
before it is transmitted to the host controller via the serial
interface. As soon as the transmission of the captured value is
complete a logical AND operation with the bit wise inverted
captured value is applied to the register to clear all interrupt
bits that have already been transmitted. Clearing the read
interrupt bits takes 2 clock cycles, a read access to the same
register before the clearing process has completed will yield a
value of ‘0’. Note that an interrupt that has been present at the
previous read access will be cleared as well in case it occurs
again before the clearing process has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com