Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS3722 Datasheet HTML 1Page - ams-OSRAM AG AS3722 Datasheet HTML 2Page - ams-OSRAM AG AS3722 Datasheet HTML 3Page - ams-OSRAM AG AS3722 Datasheet HTML 4Page - ams-OSRAM AG AS3722 Datasheet HTML 5Page - ams-OSRAM AG AS3722 Datasheet HTML 6Page - ams-OSRAM AG AS3722 Datasheet HTML 7Page - ams-OSRAM AG AS3722 Datasheet HTML 8Page - ams-OSRAM AG AS3722 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 199 page
background image
ams Datasheet
Page 1
[v1-01] 2015-Sep-07
Document Feedback
AS3722
Multi-Phase DCDC Controller PMIC
The AS3722 is a compact System PMU supporting up to 20 high
current rails.
The device offers advanced power management functions. All
necessary ICs and peripherals in a battery powered mobile
device are supplied by the AS3722. It features 4 DCDC buck
converters as well as 11 low noise LDOs. The different regulated
supply voltages are programmable via the serial control
interface. 3-4MHz operation with 0.47uH coils is reducing cost
and PCB space.
AS3722 further features 3 DCDC buck controller which are ideal
to support processor currents ranging from 5A up to 32A
depending on the used power stages. The multi-phase
topology operating on 3MHz ensures fast load transient
responses and reduces the footprint for external components.
The single supply voltage may vary from 2.7V to 5.5V.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3722, Multi-Phase DCDC
Controller PMIC are listed below:
Figure 1:
Added Value of Using AS3722
Benefits
Features
• Compact design due to small coils for IO and
memory voltage generation
• 4 DCDC step down regulators (3-4MHz)
• Output (0.6V-3.35V; 1x5A, 1x2A, 2x1.5A)
• High current generation with external power
stages to minimize PMIC power dissipation
• 3 DCDC step down controller
• DVM (0.6V-1.5V; 1x6A, 1x12A, 1x24A)
• Multiple independent voltage rails for general
purpose IO supplies
• 11 universal LDOs
• 9x universal IO range(0.8-3.3V; 0.3A)
• 1x low output range (0.6-1.5V; 0.3A)
• 1x extended input range (0.8-1.2V; 0.3A)
• Ultra low-power oscillator and no external caps
needed
• RTC
• 1μA total power consumption
• Programmable alarm
• Auto wake-up, repeating alarms
• 32kHz output to peripherals
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com