Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 40Page - ams-OSRAM AG AS3722 Datasheet HTML 41Page - ams-OSRAM AG AS3722 Datasheet HTML 42Page - ams-OSRAM AG AS3722 Datasheet HTML 43Page - ams-OSRAM AG AS3722 Datasheet HTML 44Page - ams-OSRAM AG AS3722 Datasheet HTML 45Page - ams-OSRAM AG AS3722 Datasheet HTML 46Page - ams-OSRAM AG AS3722 Datasheet HTML 47Page - ams-OSRAM AG AS3722 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 199 page
background image
ams Datasheet
Page 43
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Figure 41:
Tracking LDO3 Timing Diagram
Tracking LDO3 Timing Diagram: Shows the LDO3 output voltage in tracking mode.
Parameter
Figure 42:
LDO Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_LDO0
Output voltage
Iout<150mA; 10mV steps
0.825
1.25
V
VOUT_LDO3
Output voltage
Iout<150mA; 10mV steps
0.62
1.5
V
VOUT_LDO1,2,4-11
Output voltage
Iout<150mA; 25mV steps
0.825
3.3
V
VOUT_tol
Output voltage
tolerance
min. 40mV
-3
3
%
IOUT_L
Output current (1)
ldoX_ilimit = 0 (150mA)
0
150
mA
ILIMIT_L
Current limit (1)
300
mA
IOUT_H
Output current (1)
ldoX_ilimit = 1 (300mA)
0
300
mA
ILIMIT_H
Current limit (1)
500
mA
IOUT_NMOS3
Output current (1)
LDO3 NMOS
0
100
mA
RON
On resistance
LDO0-11
0.6
Ω
LDO3 SW
350
mΩ
ldo3_on
LDO3
voltage
Ldo3 tracking or switch mode (SD1/SD6 +/-50mV max)
sd1_on or
sd6_on
e.g 1msec by startup sequence
e.g 1msec by shutdown sequence
sd1/sd6 start-up ready
ldo3_vsel
LDO3
voltage
SD1/SD6
voltage
SD1/SD6
voltage
ldo3_vsel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com