Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 41Page - ams-OSRAM AG AS3722 Datasheet HTML 42Page - ams-OSRAM AG AS3722 Datasheet HTML 43Page - ams-OSRAM AG AS3722 Datasheet HTML 44Page - ams-OSRAM AG AS3722 Datasheet HTML 45Page - ams-OSRAM AG AS3722 Datasheet HTML 46Page - ams-OSRAM AG AS3722 Datasheet HTML 47Page - ams-OSRAM AG AS3722 Datasheet HTML 48Page - ams-OSRAM AG AS3722 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 199 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
LDO Parameter: Shows the key electrical parameter of the linear regulators
Note(s) and/or Footnote(s):
1. Guaranteed by design and verified by laboratory evaluation and characterization; not production tested
Figure 43:
LDO External Components
LDO External Components: Shows the external component parameter of the linear regulators
LDO3 SW; VSUP>=3.3V,
VOUT=1.0V0-11
250
mΩ
PSRR
Power supply
rejection ratio
f=1kHz
60
dB
f=100kHz
30
IOFF
Shut down current
100
nA
IVDD
Supply current
without load
30
43
μA
tSTART
Startup time
low current used during
start-up
500
μs
VLineReg
Line regulation
Static
0.07
%/V
Transient; Slope: tr=15μs;
delta 1V
20
mV
VLoadReg
Load regulation
Static
0.014
%/m
A
Transient; Slope: tr=15μs;
1mA->300mA
30
mV
RDIS
discharge resistance
LDO1-11 off; Vout=1V
720
Ω
LDO0 off; Vout=1V
360
Ω
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
COUT_LDO0
Output capacitor
Ceramic X5R or X7R
1
μF
COUT_LDO1-11
Output capacitor
Ceramic X5R or X7R
0.7
μF
CVIN_LDO0-11
Input capacitor
Ceramic X5R or X7R
1
μF
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com