Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 96 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 96 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 92Page - ams-OSRAM AG AS3722 Datasheet HTML 93Page - ams-OSRAM AG AS3722 Datasheet HTML 94Page - ams-OSRAM AG AS3722 Datasheet HTML 95Page - ams-OSRAM AG AS3722 Datasheet HTML 96Page - ams-OSRAM AG AS3722 Datasheet HTML 97Page - ams-OSRAM AG AS3722 Datasheet HTML 98Page - ams-OSRAM AG AS3722 Datasheet HTML 99Page - ams-OSRAM AG AS3722 Datasheet HTML 100Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 199 page
background image
ams Datasheet
Page 95
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
A7h
Fuse7
sd5_slave
sd4_slave
sd3_slav
e
sd0_v_minus_200mV
--
A8h
Fuse8
-
sd2_hcurr
_tr
ldo3_vtrack_tr<5:4>
sd5_fas
t
sd4_fast
sd3_fast
sd2_fast
A9h
Fuse9
auto_off
em_shutd
own_dire
ct
res_timer<5:4>
ResVoltRise<3:1>
-
AAh
Fuse10
unique_id
power_off
_at_vsupl
ow
i2c_deva
_bit1
rtc_on
lid_pwr
_on
ac_ok_pwr_on
del_time
sequ_on
Abh
Fuse11
onkey_lpress_res
et
onkey_shutdown_del
ay<6:5>
ac_ok_inv
ert
onkey_i
nvert
SupResEn
gpio12_in_en
lid_invert
Ach
Fuse12
sdmph_clk_div<7:6>
wtdg_mode<5:4>
wtdg_o
n
enable3_inv
enable2_inv
therm_inv
Adh
Fuse13
sd0_vmax_0<7:6>
sd6_trim_gm<5:4>
sd1_trim_gm<3:2>
sd0_trim_gm<1:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com