Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 66 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 66 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 62Page - ams-OSRAM AG AS3722 Datasheet HTML 63Page - ams-OSRAM AG AS3722 Datasheet HTML 64Page - ams-OSRAM AG AS3722 Datasheet HTML 65Page - ams-OSRAM AG AS3722 Datasheet HTML 66Page - ams-OSRAM AG AS3722 Datasheet HTML 67Page - ams-OSRAM AG AS3722 Datasheet HTML 68Page - ams-OSRAM AG AS3722 Datasheet HTML 69Page - ams-OSRAM AG AS3722 Datasheet HTML 70Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 199 page
background image
ams Datasheet
Page 65
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Figure 64:
GPIO Block Diagram
GPIO Block Diagram: Shows the internal structure of the IO pads
IO Functions
Normal IO Operation
If set to input, the logic level of the signal present at the GPIOx
pin can be read from gpioX_in. If the output mode is chosen,
gpioX_out specifies the logic level of the GPIOx pin.
This mode is also used for the on/off control of the DCDC and
LDOs. The selection which regulator is controlled by which
GPIO, is done with the gpio_ctrl_sdX or gpio_ctrl_ldoX bits. The
gpioX_mode should be set to input.
Interrupt Output
GPIOx pin logic state is derived from the interrupt signal INT.
Whenever an interrupt is present, the GPIOx pin is pulled high.
The gpioX_mode should be set to output.
VSUP_VBAT_Low Output (not de-bounced)
GPIOx pin will go high if VSUP falls below vsup_min or VBAT falls
below ResVoltFall and SupResEn = 0. The gpioX_mode should
be set to output.
GPIO Interrupt Input
A falling or rising edge will set the gpio_int bit. The gpioX_mode
should be set to input.
VSUP_GPIO
gpioX_out: 0
Interrupt output: 1
VSUP_VBAT_low output: 2
GPIO interrupt input: 3
PWM input: 4
vselect_stdby input: 5
OC_PG_SD0: 6
pwr_good output: 7
Q32k output: 8
watchdog input: 9
PWM output: 12
VSUP_VBAT_low (debounced): 13
n/a: 10
Soft reset input: 11
OC_PG_SD6 low output: 14
n/a: 15
gpioX_iosf
=1
gpioX_invert
gpioX_iosf
=1
gpioX_in: 0
&
gpioX_mode = 0,2,4,5 or 6
&
gpioX_mode = 1 or 7
&
gpioX_mode = 1, 2 or 6
GPIOx
gpioX_mode = 4 or 6
gpioX_mode = 5
300k
300k
VDD_GPIO_lv
gpioX_mode = 1
gpioX_mode = 4, 6 or 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com