Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 42Page - ams-OSRAM AG AS3722 Datasheet HTML 43Page - ams-OSRAM AG AS3722 Datasheet HTML 44Page - ams-OSRAM AG AS3722 Datasheet HTML 45Page - ams-OSRAM AG AS3722 Datasheet HTML 46Page - ams-OSRAM AG AS3722 Datasheet HTML 47Page - ams-OSRAM AG AS3722 Datasheet HTML 48Page - ams-OSRAM AG AS3722 Datasheet HTML 49Page - ams-OSRAM AG AS3722 Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 199 page
background image
ams Datasheet
Page 45
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Low Power LDO V2_5 Regulator
Description
The low power LDO V2_5 is needed to supply the chip core
(analog and digital) of the device. It is designed to get the
lowest possible power consumption, and still offering
reasonable regulation characteristics. The regulator has three
supply inputs selecting automatically the higher one. This gives
the possibility to supply the chip core either with the VBAT,
VSUP or VBAT_BKUP depending on the conditions. Bulk switch
comparators are used to avoid any parasitic current flow. To
ensure high PSRR and stability, a low-ESR ceramic capacitor of
min. 0.7μF must be connected to the output.
Parameter
Figure 44:
Low Power LDO Parameter
Low Power LDO Parameter: Shows the key electrical parameter of the low power V2_5 linear regulator
Figure 45:
Low Power LDO External Components
Low Power LDO External Components: Shows the external component parameter of the low power V2_5 linear
regulator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage rage
See VBAT, VSUP and
VBAT_BKUP
RON
On resistance
Guaranteed per design
50
Ω
IOFF
Shut down current
100
nA
IVDD
Supply current
Guaranteed per design,
consider chip internal load for
measurements.
3μA
tSTART
Startup time
200
μs
IOUT
Output current
VSUP>3.0V or VBAT>5.7V in
power_off mode
3mA
VOUT
Output voltage
2.4
2.5
2.6
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CV2_5
Output capacitor
Ceramic X5R or X7R
0.7
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com