Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 92 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 92 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 88Page - ams-OSRAM AG AS3722 Datasheet HTML 89Page - ams-OSRAM AG AS3722 Datasheet HTML 90Page - ams-OSRAM AG AS3722 Datasheet HTML 91Page - ams-OSRAM AG AS3722 Datasheet HTML 92Page - ams-OSRAM AG AS3722 Datasheet HTML 93Page - ams-OSRAM AG AS3722 Datasheet HTML 94Page - ams-OSRAM AG AS3722 Datasheet HTML 95Page - ams-OSRAM AG AS3722 Datasheet HTML 96Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 199 page
background image
ams Datasheet
Page 91
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
49h
IOVoltage
-
INT_pull
up
I2C_bus_p
ullup
-
level33
4Ah
Battery_voltage_monit
or2
-
vsup_min<4:2>
ncells<1:0>
4Dh
SDcontrol
-
sd6_enabl
e
sd5_ena
ble
sd4_enabl
e
sd3_en
able
sd2_enable
sd1_enable
sd0_enable
4Eh
LDOcontrol0
ldo7_enable
ldo6_ena
ble
ldo5_en
able
ldo4_enab
le
ldo3_e
nable
ldo2_enable
ldo1_enable
ldo0_enable
4Fh
LDOcontrol1
-
ldo11_
enable
ldo10_enable
ldo9_enable
-
50h
SD0_protect
-
sd0_vmax<4:0>
51h
SD6_protect
-
sd6_vmax<4:0>
52h
PWM_vcontrol1
vpwm1_step
vpwm1_o
n
vpwm1_vbase<5:0>
53h
PWM_vcontrol2
vpwm2_step
vpwm2_o
n
vpwm2_vbase<5:0>
54h
PWM_vcontrol3
vpwm1_reset<7:6>
vpwm1_value<5:0>
55h
PWM_vcontrol4
vpwm2_reset<7:6>
vpwm2_value<5:0>
57h
BBcharger
BBCActive
BBCPwrSa
ve
BBCVolt
BBCCur<4:3>
BBCResOff
BBCMode<1:0>
58h
CTRLsequ1
enable3_inv
onkey_no
debounce
enable1
_stby_e
n
enable1_in
v
enable
2_inv
therm_inv
lid_pwr_on
ac_ok_pwr_on
59h
CTRLsequ2
lid_invert
ac_ok_inv
ert
on_shutdown_delay<5:3>
onkey_invert
on_shutdown_delay<1:0>
5Ah
OVcurrent
-
sd1_ilimit<6:5>
sd0_ilimit<4:3>
sd0_ovc_alarm<2:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com