Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 78 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 78 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 74Page - ams-OSRAM AG AS3722 Datasheet HTML 75Page - ams-OSRAM AG AS3722 Datasheet HTML 76Page - ams-OSRAM AG AS3722 Datasheet HTML 77Page - ams-OSRAM AG AS3722 Datasheet HTML 78Page - ams-OSRAM AG AS3722 Datasheet HTML 79Page - ams-OSRAM AG AS3722 Datasheet HTML 80Page - ams-OSRAM AG AS3722 Datasheet HTML 81Page - ams-OSRAM AG AS3722 Datasheet HTML 82Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 199 page
background image
ams Datasheet
Page 77
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Figure 71:
ADC Timing Diagram
ADC Timing Diagram: Shows timing of the control and data signals of the internal ADC.
Real Time Clock
Description
The RTC module provides time information to the system. It is
implemented as second counter derived from the 32kHz
oscillator delivering the necessary accurate time base. The
actual time can be read from the second, minute, hour, day
month year registers in BCD format. Both 24h and am/pm mode
is supported. All counters are set to 0 at a power-on-reset. The
host controller can set the counter to any value by setting the
RTC registers.
To prevent ambiguous time information because some of the
registers being incremented before all of the registers have
been read or written, a parallel shadow register is implemented.
Every time a write/read access via the serial interface occurs the
parallel shadow register is updated with the current value of
the RTC counter. Any write access to the RTCsecond register will
disable the update of the parallel shadow register and set the
value of the appropriate byte of the parallel shadow register.
Any subsequent write access to the RTCyear register will
transfer the current value of the parallel shadow register to the
RTCsecond/minute/hour/…/year register and the update of the
parallel shadow register is enabled again. Similarly, any read
access to the RTCsecond register will freeze the current value
of the parallel shadow register and submit the appropriate byte
adc0_start_conversion
0
11
ADC clock
ADC on
ADC start
16us if adc_buf_on = 0
else 96us
adc0_result_not_ready
adc0_D[9:0]
result ready
result not valid
1
12
ADC eoc
0
11
1
12
16us if adc_buf_on = 0
else 96us
adc1_start_conversion
adc1_result_not_ready
adc1_D[9:0]
result ready
result not valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com