Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 79 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 79 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 75Page - ams-OSRAM AG AS3722 Datasheet HTML 76Page - ams-OSRAM AG AS3722 Datasheet HTML 77Page - ams-OSRAM AG AS3722 Datasheet HTML 78Page - ams-OSRAM AG AS3722 Datasheet HTML 79Page - ams-OSRAM AG AS3722 Datasheet HTML 80Page - ams-OSRAM AG AS3722 Datasheet HTML 81Page - ams-OSRAM AG AS3722 Datasheet HTML 82Page - ams-OSRAM AG AS3722 Datasheet HTML 83Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 199 page
background image
Page 78
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
to the host controller via the serial interface. Any subsequent
read access to the RTCyear register will enable the update of
the parallel register again. This mechanism makes sure that the
maximum error of the value that is written to or read from the
registers is 1 second.
With the rtc_lock bit in OTP, the write access to the RTC registers
can be locked and only be eabled by writing a “magic” word to
the appropriate address.
To start the RTC, rtc_on bit has to be set to 1.
The RTC stops automatically at its highest value to prevent
overrun.
Alarm
The RTC module includes an alarm function. When the content
of the RTCAlarm registers equals the content of the RTC
registers bit rtc_alarm will be set in the interrupt register.
Furthermore the RTC module can generate a repeating
interrupt every second, every minute, every 2 minutes or every
8 minutes.
To avoid ambiguous behavior during write access to the
RTCAlarm registers any write access to the RTCAlarmSecond
register will disable the alarm function; any subsequent write
access to the RTCAlarmyear will enable the alarm function
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com