Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 38Page - ams-OSRAM AG AS3722 Datasheet HTML 39Page - ams-OSRAM AG AS3722 Datasheet HTML 40Page - ams-OSRAM AG AS3722 Datasheet HTML 41Page - ams-OSRAM AG AS3722 Datasheet HTML 42Page - ams-OSRAM AG AS3722 Datasheet HTML 43Page - ams-OSRAM AG AS3722 Datasheet HTML 44Page - ams-OSRAM AG AS3722 Datasheet HTML 45Page - ams-OSRAM AG AS3722 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 199 page
background image
ams Datasheet
Page 41
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
LDO Regulators
Description
11 universal IO range LDOs offer a wide input (1.7V to 5.5V) as
well as a wide output (0.8 to 3.3V) voltage range to be used for
general purpose peripheral supply. LDO3 is intended to be used
for tracking the output voltage of SD1 or SD6, step-size and
range are matching those of SD1 and SD6.
The extended input range LDO (LDO0) can work down to 1.15V
on the input side, to be used as a post regulator after a DCDC
with low output voltage (e.g. 1.2V). Up to 300mA possible
output currents are offered with good noise and regulation
performance and very low quiescent current even suitable for
stand-by power supply.
Figure 38:
Universal IO LDO Block Diagram
Universal IO LDO Block Diagram:
Shows the internal structure of the
PMOS linear regulators.
PMOS
Power
Device
0.6
VIN_LDOx
Error
Amplifier
LDOx
VSS
Vref
1.6V or 0.8V
low noise
CLOAD_LDOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com