Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS3722 Datasheet HTML 1Page - ams-OSRAM AG AS3722 Datasheet HTML 2Page - ams-OSRAM AG AS3722 Datasheet HTML 3Page - ams-OSRAM AG AS3722 Datasheet HTML 4Page - ams-OSRAM AG AS3722 Datasheet HTML 5Page - ams-OSRAM AG AS3722 Datasheet HTML 6Page - ams-OSRAM AG AS3722 Datasheet HTML 7Page - ams-OSRAM AG AS3722 Datasheet HTML 8Page - ams-OSRAM AG AS3722 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 199 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − General Description
Applications
The device is suitable for:
• Mobile Phones
• Tablet PCs
• NetBooks
• Portable Media Players
• Portable Navigation Devices
• Mobile Internet Devices
• Safe supervision in HW which works also without
a processor
• Supervisor with interrupt generation and
selectable warning levels
• Automatic battery monitoring
• Automatic temperature monitoring
• Automatic over-current monitoring
• Power supply supervision for DCDC
• Flexible multi-purpose IOs for general control
tasks
• General Purpose IOs
•ADC input
•Wake-up/stand-by input
• PWM input/output
• Low battery and power good status
• Enables the processor to check the actual system
state in detail
• ADC with internal and external sources
• Flexible and fast adaptation to different
processors/applications
• OTP programmable Boot and Power-down
sequence
• Power saving control according to the processor
needs
• Stand-by function with programmable sequence
and voltages
• Self-contained start-up and control for single and
multi-cell battery applications. Safety shutdown
feature
• Control Interface
• I2C/SPI control lines with watchdog
• ONKEY with 4/8s emergency shut-down
•POR with RESET I/O
• 5V pre-regulator enable
• Dedicated packages for specific applications.
Optimization for PCB cost or size
• Package
• 124-pin CTBGA (8x8mm), 0.5mm pitch
• 108-pin WL-CSP (4.8x3.6mm), 0.4mm pitch
Benefits
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com