Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 76 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 76 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 72Page - ams-OSRAM AG AS3722 Datasheet HTML 73Page - ams-OSRAM AG AS3722 Datasheet HTML 74Page - ams-OSRAM AG AS3722 Datasheet HTML 75Page - ams-OSRAM AG AS3722 Datasheet HTML 76Page - ams-OSRAM AG AS3722 Datasheet HTML 77Page - ams-OSRAM AG AS3722 Datasheet HTML 78Page - ams-OSRAM AG AS3722 Datasheet HTML 79Page - ams-OSRAM AG AS3722 Datasheet HTML 80Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 199 page
background image
ams Datasheet
Page 75
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
ADC Input Sources: Shows the various inputs with the corresponding resolution which can be measured by the
internal ADC.
The ADC-10 features 2 control register for measuring 2 different
sources. By writing to the control register of channel 0 or
channel 1 the selected measurement will be performed and the
result placed in the corresponding result register. ADC10 has
only one conversion unit, meaning measurements for source 1
and source 2 will be done time multiplexed.
ADC channel 1 is capable to perform automatic conversion in
0.5s or 1s intervals of the selected source. In addition a free
programmable threshold with hysteresis
(ADC1_threshold_lo/hi) can be set to generate interrupts once
the threshold is passed.
adc1_interrupt_mode defines if an interrupt is generated on
every threshold passing or only if the measured value rises
above the high threshold or fall below the low threshold. The
ADC interrupt can be masked as every other interrupt.
By setting adc_buf_on the buffered 1.6V ADC reference is
available on GPIO7 during the conversion time. To give the ADC
reference output enough time to settle the pre-sample time
gets stretched from 32us to 62us. The gpio7_mode should be
set to “3” (tristate) gpio7_iosf should be set to “0” (normal).
20
TEMP_SD1
1.56mV
Tj = 326.5 - ADC10<9:0> * 0.3734
21
TEMP1_SD6
1.56mV
Tj = 326.5 - ADC10<9:0> * 0.3734
22
TEMP2_SD6
1.56mV
Tj = 326.5 - ADC10<9:0> * 0.3734
#
Source
Range
LSB
Mode
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com