Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 87 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 87 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 83Page - ams-OSRAM AG AS3722 Datasheet HTML 84Page - ams-OSRAM AG AS3722 Datasheet HTML 85Page - ams-OSRAM AG AS3722 Datasheet HTML 86Page - ams-OSRAM AG AS3722 Datasheet HTML 87Page - ams-OSRAM AG AS3722 Datasheet HTML 88Page - ams-OSRAM AG AS3722 Datasheet HTML 89Page - ams-OSRAM AG AS3722 Datasheet HTML 90Page - ams-OSRAM AG AS3722 Datasheet HTML 91Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 199 page
background image
Page 86
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Figure 84:
PWM DVS Control
PWM DVS Control: Shows the PWM timing of the DVS interface for SD0 and SD6.
Parameter
Figure 85:
PWM Pin Characteristics
PWM Pin Characteristics: Shows the key electrical parameter of the PWM control pins. VSUP=2.7 to 5.5V; T
amb = -20 to 70°C; unless otherwise mentioned
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
digital input
–0.3
0.4
V
VIH
High level input voltage
digital input
1.4
VSUP_GP
IO
V
33MHz max.
0
1
2
4
5
30
31
0
. . . . .
PWM_CLK
PWM_DAT
1/31
PWM_DAT
2/30
PWM_DAT
31/1
PWM_DAT
32/0
PWM_DAT
0/31
Vout=Vbase
Vout=Vbase + 1*vpwmX_step
Vout=Vbase + 2*vpwmX_step
Vout=Vbase + 31*vpwmX_step
Vout=Vbase + 32*vpwmX_step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com