Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 59 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 59 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 55Page - ams-OSRAM AG AS3722 Datasheet HTML 56Page - ams-OSRAM AG AS3722 Datasheet HTML 57Page - ams-OSRAM AG AS3722 Datasheet HTML 58Page - ams-OSRAM AG AS3722 Datasheet HTML 59Page - ams-OSRAM AG AS3722 Datasheet HTML 60Page - ams-OSRAM AG AS3722 Datasheet HTML 61Page - ams-OSRAM AG AS3722 Datasheet HTML 62Page - ams-OSRAM AG AS3722 Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 199 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Parameter
Figure 56:
Reset levels
Reset Levels: Shows the electrical parameter of the voltage supervisors controlling start-up and reset cycles.
Note(s) and/or Footnote(s):
1. It’s recommended to set the ResVoltRise level 200mV above the ResVoltFall level to have a hysteresis.
2. XRES signal is de-bounced with the specified mask time for rising- and falling slope of VBAT.
Stand-By
Description
Stand-by allows shutting down a part or the complete system.
Stand-by can be terminated by every possible interrupt or
ENABLE1of the PMU. The interrupt has to be before going to
stand-by.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPOR
Overall power on reset
Monitor voltage on
V2_5; power on reset
for all internal
functions
1.5
2.0
2.3
V
VRESRISE
Reset level for
VSUP/VBAT rising
Monitor voltage on
VBAT; rising level
ResVoltRise(1)
V
Monitor voltage on
VSUP; rising level
vsup_min
V
VRESFALL
Reset level for
VSUP/VBAT falling
Monitor voltage on
VSUP/VBAT; falling
level
2.5
V
if SupResEn=1
ResVoltFall or
vsup_min
V
VRESMASK
Mask time for VRESFALL.
Duration for
VBAT<ResVoltFall or
VSUP<vsup_min until a
reset cycle is started(2)
FastResEn = 0
4
ms
FastResEn = 1
4
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com