Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 94 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 94 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 90Page - ams-OSRAM AG AS3722 Datasheet HTML 91Page - ams-OSRAM AG AS3722 Datasheet HTML 92Page - ams-OSRAM AG AS3722 Datasheet HTML 93Page - ams-OSRAM AG AS3722 Datasheet HTML 94Page - ams-OSRAM AG AS3722 Datasheet HTML 95Page - ams-OSRAM AG AS3722 Datasheet HTML 96Page - ams-OSRAM AG AS3722 Datasheet HTML 97Page - ams-OSRAM AG AS3722 Datasheet HTML 98Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 199 page
background image
ams Datasheet
Page 93
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
6Ch
RTCAlarmyear
-
Alarmyear1<6:4>
Alarmyear0<3:0>
6Dh
SRAM
SRAM<7:0>
6Fh
RTC_Access
rtc_write_ena
-
73h
RegStatus
-
sd6_lv
sd5_lv
sd4_lv
sd3_lv
sd2_lv
sd1_lv
sd0_lv
74h
InterruptMask1
LowBat_int_m
ovtmp_in
t_m
onkey_i
nt_m
onkey_lpre
ss_int_m
occur_a
larm_s
d0_int_
m
enable1_int_m
acok_int_m
lid_int_m
75h
InterruptMask2
rtc_rep_int_m
sd6_lv_int
_m
enable2
_int_m
PWM2_ov
prot_int_
m
PWM1_
ovprot_
int_m
sd2345_lv_int_
m
sd1_lv_int_m
sd0_lv_int_m
76h
InterruptMask3
enable3_int_m
wtdg_int_
m
gpio5_in
t_m
gpio4_int_
m
gpio3_i
nt_m
gpio2_int_m
gpio1_int_m
rtc_alarm_int_m
77h
InterruptMask4
adc_int_m
occur_ala
rm_sd6_i
nt_m
temp_sd
6_alarm
_int_m
temp_sd1_
alarm_int_
m
temp_s
d0_alar
m_int_
m
temp_sd6_shut
down_int_m
temp_sd1_shutdown
_int_m
temp_sd0_shutdown
_int_m
78h
InterruptStatus1
LowBat_int_i
ovtmp_in
t_i
onkey_i
nt_i
onkey_lpre
ss_int_i
occur_a
larm_s
d0_int_
i
enable1_int_i
acok_int_i
lid_int_i
79h
InterruptStatus2
rtc_rep_int_i
sd6_lv_int
_i
enable2
_int_i
PWM2_ov
prot_int_i
PWM1_
ovprot_
int_i
sd2345_lv_int_i
sd1_lv_int_i
sd0_lv_int_i
7Ah
InterruptStatus3
enable3_int_i
wtdg_int_
i
gpio5_in
t_i
gpio4_int_
i
gpio3_i
nt_i
gpio2_int_i
gpio1_int_i
rtc_alarm_int_i
7Bh
InterruptStatus4
adc_int_i
occur_ala
rm_sd6_i
nt_i
temp_sd
6_alarm
_int_i
temp_sd1_
alarm_int_
i
temp_s
d0_alar
m_int_i
temp_sd6_shut
down_int_i
temp_sd1_shutdown
_int_i
temp_sd0_shutdown
_int_i
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com