Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 46Page - ams-OSRAM AG AS3722 Datasheet HTML 47Page - ams-OSRAM AG AS3722 Datasheet HTML 48Page - ams-OSRAM AG AS3722 Datasheet HTML 49Page - ams-OSRAM AG AS3722 Datasheet HTML 50Page - ams-OSRAM AG AS3722 Datasheet HTML 51Page - ams-OSRAM AG AS3722 Datasheet HTML 52Page - ams-OSRAM AG AS3722 Datasheet HTML 53Page - ams-OSRAM AG AS3722 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 199 page
background image
ams Datasheet
Page 49
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Figure 49:
Start-Up Flow Chart 2/2
Start-Up Flow Chart 2/2: Shows the main state transitions during operation and stand-by
power_off=1 OR
Die temp>140°C
OR THERM=1 OR
(VSUP<ResVoltFall &&
power_off_at_vsuplow) OR
(onkey_lpress_reset=0 &&
ONKEY lpress)
N
Y
OFF delay
wait off_delay
N
Reset all Registers
Switch off Regulators
reset registers and reload
fuses expect:
ac_ok_pwr, rtc_on,
lid_pwr_on,
pwr_off_at_vsu p_low
RUN startup sequence
regulator startup sequnece GPIO
programming during seque nce
star tup de lay pro grammable
set sdX_sequ_on=1 or
ldoX_sequ_on=1 if regulator
selecte d d uring startup
RESET Timer
regulator startup executed
waiting time to release XRE S pin
10..150ms
ACTIVE state
XRES=1
soft_reset=1
Y
XRES is low
or force_reset=1 or
VSUP<VSUP_min or
VBAT<ResVoltFall or
emergency_pd=1 or
ONKEY lpress or
N
standby_mode_on=1
or GPIOx=1 if GPIOx_iosf=6
or (ENABLE1=0 and
enable1_deepsleep=1)
OFF delay
wait off_delay if
ena ble1_ena ble=0 or wait
until (ENABL E1=0 if
ena ble1_dee psl eep=1)
N
force_reset=1 or
or (XRES is low
if stdby_reset_disable=0)
or VBAT<ResVoltFall or
VSUP<VSUP_min or
emergency_pd=1
power down
Sequence Down
has to be written to E0-F3h
before entering stand-by;
reg0_select_stby to
reg9_select_stby
keep regu lators on if
regX_stby_on=1,
force re gulator vo ltage to
regX_voltage_stby;
„force o ff“ all othe r re gulators
STAND-BY state
V2_5 power up
all regu lators with
regX_stby_on=1 ena lbed
power
down?
N
power
down?
N
any
interrupt applied or
if enable1_deepsleep=1
(ENALBE1=1 or lid_int
or ac_ok_int)
power
down?
N
N
Y
2
VSUP debounce state
1
XINT=0
if an interrupt occured
Y
remove „stand-by force off“
of all regulators
Sequence Up
reg9_select_stby to
reg0_select_stby
remove regX_voltage_stby
force (orig inal voltag e selection
used)
3
Sequence Down
Switch OFF regulators
where sdX_sequ_on=0 or
ldoX_sequ_on=0 then
write 00h to registers
add ressed by reg17_sel down
to reg0_sel
Power Off state
Y
Y
Y
THERM=1
Die temp>140°C
VSUP_lo_deb=1
VBAT_lo_deb=1
bat_ov_deb=1
emergency power down
em_shutdown
_direct = 1
N
Y
emergency
power down?
N
emergency
power down?
N
Y
Y
power_off=1
N
Y
emergency_pd=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com