Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 54 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 54 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 50Page - ams-OSRAM AG AS3722 Datasheet HTML 51Page - ams-OSRAM AG AS3722 Datasheet HTML 52Page - ams-OSRAM AG AS3722 Datasheet HTML 53Page - ams-OSRAM AG AS3722 Datasheet HTML 54Page - ams-OSRAM AG AS3722 Datasheet HTML 55Page - ams-OSRAM AG AS3722 Datasheet HTML 56Page - ams-OSRAM AG AS3722 Datasheet HTML 57Page - ams-OSRAM AG AS3722 Datasheet HTML 58Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 199 page
background image
ams Datasheet
Page 53
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Figure 52:
Start-Up From Multi Cell Batteries
Start-Up From Multi Cell Batteries: Shows basic start-up from a multi cell battery including a 5V pre-regulator
Reset
Description
XRES_IN and XRES_OUT are low active pins. An external pull-up
to the periphery supply has to be added to XRES_IN. XRES_OUT
is a push/pull output to VDD_GPIO_lv.
During each reset cycle the following states are controlled by
the AS3722:
• Power-down sequence of the regulators
• Pin XRES_OUT is forced to GND
• All registers are set to their default values after power-on,
except the reset control- and status-registers.
• Normal startup with programmable power-on sequence
and regulator voltages (see chapter Start-up)
• Reset is active until the programmable reset timer expires
(set by register bits res_timer<2:0>)
Start-up sequence
t (not to scale)
VBAT
ncells>0
Regulator Voltages
XRES
serial communication possible
res_timer
1-15ms
VBAT rise = ResVoltRise * (ncells +1) programmed in OTP
EN5V
enable external 5V regulator
VSUP
VSUP rise = vsup_min
programmed in OTP
~4ms
debounce
~4ms
debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com