Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 189 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 189 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 185Page - ams-OSRAM AG AS3722 Datasheet HTML 186Page - ams-OSRAM AG AS3722 Datasheet HTML 187Page - ams-OSRAM AG AS3722 Datasheet HTML 188Page - ams-OSRAM AG AS3722 Datasheet HTML 189Page - ams-OSRAM AG AS3722 Datasheet HTML 190Page - ams-OSRAM AG AS3722 Datasheet HTML 191Page - ams-OSRAM AG AS3722 Datasheet HTML 192Page - ams-OSRAM AG AS3722 Datasheet HTML 193Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 199 page
background image
Page 188
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Pack age Drawings & Mark ings
Figure 232:
Package Drawing (CTBGA)
Package Drawings: Shows the outline dimensions of the CTBGA124 package
Note(s) and/or Footnote(s):
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters.
3. Primary datum C and seating plane are defined by the spherical crowns of the contact balls.
4. Dimensions ‘b’ is measured at the maximum ball diameter, parallel to primary datum C.
Package Drawings & Markings
Ref
Min
Typ
Max
D1
6.50
aaa
-
0.10
-
bbb
-
0.10
-
ddd
-
0.08
-
eee
-
0.15
-
fff
-
0.05
-
N
124
Green
RoHS
Ref
Min
Typ
Max
A-
-
1.20
A1
0.15
-
-
A2
-
-
1.00
b
0.25
0.30
0.35
e0.50 BSC
D8.00
E8.00
E1
6.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com